Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG264M64EFSU265D4-MG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3EG264M64EFSU265D4-MG
Description  1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG264M64EFSU265D4-MG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3EG264M64EFSU265D4-MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG264M64EFSU265D4-MG Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs WV3EG265M64EFSU-D4
October 2005
Rev. 1
67.60
(2.661)
63.60
(2.504)
1.0 ± 0.1
(0.04 ± 0.0039)
3.80
(0.150) MAX.
2.15
(0.085)
6.0
0.236
4.20 (0.165)
1.8
(0.071)
4.00
(0.158) MIN.
47.40
(1.866)
2- 1.80
(0.071)
11.40
(0.449)
139
41
199
31.75
(1.25)
Full R 2x
2.40 (0.094)
4.00 ±0.10
(0.158 ±0.039)
20
(0.787)
2.45
(0.098)
4.00 ±0.10
(0.158 ±0.039)
1.00 ±0.1
(0.04 ±0.0039)
0.45 ±0.03
(0.018 ±0.001)
0.60
(0.024)
2.55 Min
(0.102 Min)
0.25
(0.01)
ORDERING INFORMATION FOR D4
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
WV3EG265M64EFSU335D4-x
166MHz/333Mb/s
2.5
3
3
31.75mm (1.25")
WV3EG265M64EFSU262D4-x
133MHz/266Mb/s
2
2
2
31.75mm (1.25")
WV3EG265M64EFSU265D4-x
133MHz/266Mb/s
2.5
3
3
31.75mm (1.25")
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “-x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR D4
Tolerances: ±0.15 (0.006) unless otherwise specified


Similar Part No. - WV3EG264M64EFSU265D4-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3EG264M64EFSU335D4MG WEDC-WV3EG264M64EFSU335D4MG Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3EG264M64EFSU335D4SG WEDC-WV3EG264M64EFSU335D4SG Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - WV3EG264M64EFSU265D4-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com