Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSE128K16-73G2TC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WSE128K16-73G2TC
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-73G2TC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WSE128K16-73G2TC Datasheet HTML 1Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 2Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 3Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 4Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-73G2TC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
WSE128K16-XXX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
Top View
FIGURE 2 WSE128K16-XG2TX PIN CONFIGURATION
BLOCK DIAGRAM
PIN DESCRIPTION
ED0-15
EEPROM Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE#1-2
SRAM Write Enable
SCS#1-2
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
EWE#1-2
EEPROM Write Enable
ECS#1-2
EEPROM Chip Select
The WEDC 68 lead G2T CQFP fills the same fit and
function as the JEDEC 68 lead CQFJ or 68 PLCC. But
the G2T has the TCE and lead inspection advantage
of the CQFP form.
EWE1# ECS1#
EWE2# ECS2#
SWE2# SCS2#
128K x 8
SRAM
8
SD0-7
128K x 8
SRAM
8
SD8-15
128K x 8
EEPROM
8
ED0-7
128K x 8
EEPROM
8
ED8-15
A0-16
OE#
SWE1# SCS1#
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
GND
SD8
SD9
SD10
SD11
SD12
SD13
SD14
SD15
ED0
ED1
ED2
ED3
ED4
ED5
ED6
ED7
GND
ED8
ED9
ED10
ED11
ED12
ED13
ED14
ED15
0.940"


Similar Part No. - WSE128K16-73G2TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-73H1 ETC-WSE128K16-73H1 Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-73G2TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com