Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG232M64STSU335D4SG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3EG232M64STSU335D4SG
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG232M64STSU335D4SG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3EG232M64STSU335D4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 11Page - White Electronic Designs Corporation WV3EG232M64STSU335D4SG Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3EG232M64STSU-D4
September 2005
Rev. 1
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C ≤ TA ≤ 70°C, VCCQ = 2.5V ±0.2V, VCC = 2.5V ±0.2V
Parameter
Symbol
Conditions
DDR333 @
CL = 2.5 Max
Unit
Operating current
- One bank Active-
Precharge
IDD0*
tRC = tRC(min); tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
DQ,DM and DQS inputs changing twice per clock cycle; address and control
inputs changing once per clock cycle
404
mA
Operating current
- One bank operation
IDD1*
One bank open, BL=4, Reads - Refer to the following page for detailed test
condition
416
mA
Percharge power-
down standby current
IDD2P**
All banks idle; power - down mode; CKE = <VIL(max); tCK = 100Mhz for
DDR200, 133Mhz for DDR266A & DDR266B; Vin = Vref for DQ,DQS and DM
40
mA
Precharge Floating
standby current
IDD2F**
CS# > = VIH(min);All banks idle; CKE > = VIH(min); tCK = 100Mhz for DDR200,
133Mhz for DDR266A & DDR266B; Address and other control inputs
changing once per clock cycle; VIN = VREF for DQ,DQS and DM
200
mA
Active power - down
standby current
IDD3P**
one bank active; power-down mode; CKE=< VIL (max); tCK = 100Mhz for
DDR200, 133Mhz for DDR266A & DDR266B; VIN = VREF for DQ, DQS and
DM
88
mA
Active standby
current
IDD3N**
CS# > = VIH(min); CKE> = VIH(min); one bank active; active - precharge; tRC
= tRASmax; tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B;
DQ, DQS and DM inputs changing twice per clock cycle; address and other
control inputs changing once per clock cycle
360
mA
Operating current
- burst read
IDD4R*
Burst length = 2; reads; continguous burst; One bank active; address and
control inputs changing once per clock cycle; CL = 2 at tCK = 100Mhz for
DDR200, CL = 2 at tCK = 133Mhz for DDR266A, CL = 2.5 at tCK = 133Mhz for
DDR266B ; 50% of data changing at every burst; lout = 0mA
436
mA
Operating current
- burst write
IDD4W*
Burst length = 2; writes; continuous burst; One bank active address and
control inputs changing once per clock cycle; CL = 2 at tCK = 100Mhz for
DDR200, CL = 2 at tCK = 133Mhz for DDR266A, CL = 2.5 at tCK = 133Mhz for
DDR266B ; DQ, DM and DQS inputs changing twice per clock cycle, 50% of
input data changing at every burst
488
mA
Auto refresh current
IDD5**
tRC = tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK for DDR266A &
DDR266B at 133Mhz; distributed refresh
1544
mA
Self refresh current;
CKE =< 0.2V
IDD6**
External clock should be on; tCK = 100Mhz for DDR200, 133Mhz for
DDR266A & DDR266B
40
mA
Orerating current
- Four bank operation
IDD7A*
Four bank interleaving with BL=4 -Refer to the following page for detailed test
condition
1248
mA
NOTE:
IDD specification is based on NANYA components. Other DRAM Manufacturers specification may be different.
* Value calculated as one module rank in this operation condition and other module rank in IDD2P (CKE low) mode.
** Value calculated as all module ranks in this operation condition.


Similar Part No. - WV3EG232M64STSU335D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4MG WEDC-WV3EG232M64EFSU262D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4SG WEDC-WV3EG232M64EFSU262D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4MG WEDC-WV3EG232M64EFSU265D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4SG WEDC-WV3EG232M64EFSU265D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
More results

Similar Description - WV3EG232M64STSU335D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com