Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG232M64STSU335D4MG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3EG232M64STSU335D4MG
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG232M64STSU335D4MG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3EG232M64STSU335D4MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 11Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 12Page - White Electronic Designs Corporation WV3EG232M64STSU335D4MG Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3EG232M64STSU-D4
September 2005
Rev. 1
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
0°C ≤ TA ≤ 70°C, VCCQ = 2.5V ±0.2V, VCC = 2.5V ±0.2V
Parameter
Symbol
335
Unit
Min
Max
Row Cycle Time
tRC
60
ns
Refresh row cycle time
tRFC
72
ns
Row active
tRAS
42
120K
ns
RAS# to CAS# delay
tRCD
18
ns
Row precharge time
tRP
18
ns
Row active to row active delay
tRRD
12
ns
Write recovery time
tWR
15
ns
Last data into Read command
tWTR
1tCK
Clock cycle time
CL=2.5
tCK
612
ns
Clock high level width
tCH
0.45
0.55
tCK
Clock low level width
tCL
0.55
0.55
tCK
DQS-out access time from CK/CK#
tDQSCK
-0.6
+0.6
ns
Output data access time from CK/CK#
tAC
-0.7
+0.7
ns
Data strobe edge to output data edge
tDQSQ
-
0.45
ns
Read Preamble
tRPRE
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
tCK
DQS-in setup time
tWPRES
0ns
DQS-in hold time
tWPRE
0.25
tCK
DQS falling edge to CK rising-setup time
tDSS
0.2
tCK
DQS falling edge to CK rising-hold time
tDSH
0.2
tCK
DQS-in high level width
tDQSH
0.35
tCK
DQS-in low level width
tDQSL
0.35
tCK
Address and control input setup time (fast)
tIS
0.75
ns
Address and control input hold time (fast)
tIH
0.75
ns
Address and control input setup (slow)
tIS
0.7
ns
Address and control input hold time (slow)
tIH
0.7
ns
Data-out high impedence time from CK/CK#
tHZ
-0.7
+0.7
ns
Data-out low impedence time from CK/CK#
tLZ
-0.7
+0.7
ns
Mode register set cycle time
tMRD
10
ns
DQ & DM setup time to DQS
tDS
0.4
ns
DQ & DM hold time to DQS
tDH
0.4
ns
Control & address input pulse width
tIPW
2.2
ns
DQ & DM input pulse width
tDIPW
1.75
ns
Exit self refresh to non-Read command
tXSNR
75
ns
Exit self refresh to Read command
tXSRD
200
tCK
Refresh interval time
tREFI
7.8
us
Output DQS valid window
tQH
tHP - tQHS
—ns
Clock half period
tHP
tCLmin or tCHmin
ns
Data hold skew factor
tQHS
0.55
ns
DQS write postamble
tWPST
0.4
0.6
ns
Active Read with auto precharge command
tRAP
18
ns
Auto precharge write recovery + Precharge time
tRAL
(tWR/tCK) + (tRP/tCK)tCK
NOTE:
AC Timing Parameters are based on SAMSUNG components. Other DRAM Manufacturers parameters may be different.


Similar Part No. - WV3EG232M64STSU335D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4MG WEDC-WV3EG232M64EFSU262D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4SG WEDC-WV3EG232M64EFSU262D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4MG WEDC-WV3EG232M64EFSU265D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4SG WEDC-WV3EG232M64EFSU265D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
More results

Similar Description - WV3EG232M64STSU335D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com