Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG264M64EFSU-D4 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3EG264M64EFSU-D4
Description  1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG264M64EFSU-D4 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3EG264M64EFSU-D4 Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG264M64EFSU-D4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs WV3EG264M64EFSU-D4
August 2005
Rev. 0
PRELIMINARY
AC OPERATING TEST CONDITIONS
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage
VIH(AC)
VREF +0.31
V
1
Input Low (Logic 0) Voltage
VIL(AC)
VREF -0.31
V
1
Input Differential Voltage, CK and CK# inputs
VID(AC)
0.7
VCCQ+0.6
V
Input Crossing Point Voltage, CK and CK# inputs
VIX(AC)
0.5*VCCQ-0.2
0.5*VCCQ+0.2
V
NOTES:
1. VIH overshoot: VIH = VCCQ +1.5V for a pulse width < 3ns and the pulse can not be greater than 1/3 of the cycle rate.
VIL undershoot: VIL = -1.5V for a pulse width < 3ns and the pulse can not be greater than 1/3 of the cycle rate.


Similar Part No. - WV3EG264M64EFSU-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG264M64EFSU262D4-MG WEDC-WV3EG264M64EFSU262D4-MG Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG264M64EFSU262D4-SG WEDC-WV3EG264M64EFSU262D4-SG Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG264M64EFSU265D4-MG WEDC-WV3EG264M64EFSU265D4-MG Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG264M64EFSU265D4-SG WEDC-WV3EG264M64EFSU265D4-SG Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG264M64EFSU335D4-MG WEDC-WV3EG264M64EFSU335D4-MG Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG264M64EFSU-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com