Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3EG232M64EFSU335D4MG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3EG232M64EFSU335D4MG
Description  512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG232M64EFSU335D4MG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3EG232M64EFSU335D4MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG232M64EFSU335D4MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
April 2005
Rev. 0
ADVANCED*
WV3EG232M64EFSU-D4
White Electronic Designs
512MB – 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
FEATURES
Fast data transfer rate: PC-2100 and PC-2700
Clock speeds of 133 MHz and 166 MHz
Two data transfers per clock cycle
Supports ECC error detection and correction
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2 and 2.5 (clock)
Programmable Burst Length (2, 4 or 8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detect (SPD) with EEPROM
Dual Rank
Power supply: VCC = VCCQ = +2.5V ±0.2V (133 and
166MHz)
Gold edge contacts
200 pin, small-outline, SO-DIMM package
• PCB height option:
31.75 mm (1.25”)
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
The WV3EG232M64EFSU is a 2x32Mx64 Double Data
Rate SDRAM memory module based on 256Mb DDR
SDRAM components. The module consists of sixteen
32Mx8 4 banks DDR SDRAMs in FBGA packages
mounted on a 200 pin FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
OPERATING FREQUENCIES
DDR333@CL=2.5
DDR266@CL=2
DDR266@CL=2.5
Clock Speed
166MHz
133MHz
133MHz
CL-tRCD-tRP
2.5-3-3
2-2-2
2.5-3-3


Similar Part No. - WV3EG232M64EFSU335D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
WV3EG232M64STSU335D4IMG WEDC-WV3EG232M64STSU335D4IMG Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
WV3EG232M64STSU335D4ING WEDC-WV3EG232M64STSU335D4ING Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
WV3EG232M64STSU335D4ISG WEDC-WV3EG232M64STSU335D4ISG Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
WV3EG232M64STSU335D4MG WEDC-WV3EG232M64STSU335D4MG Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - WV3EG232M64EFSU335D4MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com