Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF4M32-100G2TC5A Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WF4M32-100G2TC5A
Description  4Mx32 5V FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M32-100G2TC5A Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WF4M32-100G2TC5A Datasheet HTML 1Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 2Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 3Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 4Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 5Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 6Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 7Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 8Page - White Electronic Designs Corporation WF4M32-100G2TC5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WF4M32-XXX5
Parameter
Symbol
Conditions
HIP
G2T
G4T
Unit
Min
Max
Min
Max
Min
Max
InputLeakageCurrent
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
µA
OutputLeakageCurrent
ILOx32
VCC = 5.5, VIN = GND to VCC
10
10
10
µA
VCC Active Current for Read (1)
ICC1
CS = VIL, OE = VIH, f = 5MHz
320
215
345
mA
VCC Active Current for Program
ICC2
CS = VIL, OE = VIH
420
295
445
mA
or Erase (2)
VCCStandbyCurrent
ICC3
VCC = 5.5, CS = VIH, f = 5MHz, RESET = VIH
20
2.0
95
mA
OutputLowVoltage
VOL
IOL = 12.0 mA, VCC = 4.5
0.45
0.45
0.45
V
OutputHighVoltage
VOH
IOH = -2.5 mA, VCC = 4.5
0.85 x
0.85 x
0.85 x
V
Vcc
Vcc
Vcc
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
3.2
4.2
3.2
4.2
V
Parameter
Symbol HIP (H2) CQFP (G2T) CQFP( G4T)
OE capacitance
COE
75
75
20
WE capacitance
CWE
75
75
20
CS capacitance
CCS
20
50
20
Data I/O capacitance
CI/O
30
30
30
Addressinputcapacitance
CAD
75
75
20
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to VSS
VT
-2.0 to +7.0
V
Power Dissipation
PT
8W
Storage Temperature
Tstg
-65 to +125
°C
Short Circuit Output Current
IOS
100
mA
Endurance - Write/Erase Cycles
100,000 min
cycles
(Mil Temp)
Data Retention (Mil Temp)
20
years
RECOMMENDED DC OPERATING CONDITIONS
Parameter
Symbol Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
00
0V
Input High Voltage
VIH
2.0
-
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
-
+0.8
V
Operating Temperature (Mil.)
TA
-55
-
+125
°C
Operating Temperature (Ind.)
TA
-40
-
+85
°C
DC CHARACTERISTICS - CMOS COMPATIBLE
(VCC = 5.0V, GND = 0V, TA = -55°C TO +125°C)
NOTES:
1. The Icc current listed includes both the DC operating current and the frequency dependent component (@ 5MHz). The
frequency component typically is less than 2mA/MHz, with OE at VIH.
2. Icc active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions VIL = 0.3V, VIH = VCC - 0.3V
CAPACITANCE (PF)
(TA = +25°C, VIN = OV, F = 1.0MHZ)
HIP =
66 pin, PGA Type, 1.385" square, Hermetic
Ceramic HIP (Package 402).
G2T = 68 lead, Hermetic CQFP (G2T), 22.4mm (0.880")
square. Designed to fit JEDEC 68 lead 0.990" CQFJ
footprint (Fig. 3) (Package 509)
G4T = 68 lead, 40mm Low Profile CQFP, 3.5mm (0.140")
(Package 502 )


Similar Part No. - WF4M32-100G2TC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M16-120DTC5 WEDC-WF4M16-120DTC5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTC5A WEDC-WF4M16-120DTC5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5 WEDC-WF4M16-120DTI5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5A WEDC-WF4M16-120DTI5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTM5 WEDC-WF4M16-120DTM5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
More results

Similar Description - WF4M32-100G2TC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com