Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF128K16-72G1TI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WSF128K16-72G1TI
Description  128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K16-72G1TI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WSF128K16-72G1TI Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 9Page - White Electronic Designs Corporation WSF128K16-72G1TI Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K16-XXX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FWE# CONTROLLED
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
120
ns
Chip Select Setup Time
tELWL
tCS
00
ns
Write Enable Pulse Width
tWLWH
tWP
35
50
ns
Address Setup Time
tAVWL
tAS
00
ns
Data Setup Time
tDVWH
tDS
30
50
ns
Data Hold Time
tWHDX
tDH
00
ns
Address Hold Time
tWLAX
tAH
45
50
ns
Chip Select Hold Time
tWHEH
tCH
00
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
ns
Duration of Byte Programming Operation (min)
tWHWH1
14
14
µs
Chip and Sector Erase Time
tWHWH2
2.2
60
2.2
60
sec
Read Recovery Time Before Write
tGHWL
00
µs
VCC Set-up Time
tVCS
50
50
µs
Chip Programming Time
12.5
12.5
sec
Output Enable Setup Time
tOES
00
ns
Output Enable Hold Time (1)
tOEH
10
10
ns
1. For Toggle and Data# Polling.
FLASH AC CHARACTERISTICS – READ ONLY OPERATIONS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
70
120
ns
Address Access Time
tAVQV
tACC
70
120
ns
Chip Select Access Time
tELQV
tCE
70
120
ns
OE# to Output Valid
tGLQV
tOE
35
50
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
30
ns
OE# High to Output High Z (1)
tGHQZ
tDF
20
30
ns
Output Hold from Address, CS# or OE# Change, whichever is first
tAXQX
tOH
00
ns
1. Guaranteed by design, not tested.


Similar Part No. - WSF128K16-72G1TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-72G1UC ETC-WSF128K16-72G1UC Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-72G1UCA ETC-WSF128K16-72G1UCA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-72G1UI ETC-WSF128K16-72G1UI Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-72G1UIA ETC-WSF128K16-72G1UIA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-72G1UM ETC-WSF128K16-72G1UM Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results

Similar Description - WSF128K16-72G1TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com