Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG72256V7AD2I-SG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG72256V7AD2I-SG
Description  2GB - 2x128Mx72 SDRAM, REGISTERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG72256V7AD2I-SG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG72256V7AD2I-SG Datasheet HTML 1Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 2Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 3Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 4Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 5Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 6Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 7Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 8Page - White Electronic Designs Corporation W3DG72256V7AD2I-SG Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WV3DG72256V-AD2
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2006
Rev. 0
PRELIMINARY*
OPERATING CURRENT CHARACTERISTICS
VCC = 3.3V, 0°C
TA 70°C
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
Parameters
Symbol
Conditions
Versions
Units
Note
133/100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
2,520
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
530
mA
ICC2PS
CKE & CLK ≤ VIL(max), tCC = ∞
130
mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
1,170
mA
ICC2NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tCC= ∞
Input signals are stable
410
mA
Active standby current in
power-down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
670
mA
ICC3PS
CKE & CLK ≤ VIL(max), tCC = ∞
270
mA
Active standby in current non power-
down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
1,530
mA
ICC3NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
input signals are stable
950
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CLK
2,610
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
4,590
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
420
mA


Similar Part No. - W3DG72256V7AD2I-SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72256V75D2 WEDC-W3DG72256V75D2 Datasheet
129Kb / 6P
   2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72256V7D2 WEDC-W3DG72256V7D2 Datasheet
129Kb / 6P
   2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
More results

Similar Description - W3DG72256V7AD2I-SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com