Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF2816-39G2UMA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WSF2816-39G2UMA
Description  128KX16 SRAM/512KX16 FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF2816-39G2UMA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WSF2816-39G2UMA Datasheet HTML 1Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 2Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 3Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 4Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 5Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 6Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 7Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 8Page - White Electronic Designs Corporation WSF2816-39G2UMA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF2816-39XX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 16 Mode
ICCx16
SCS# = VIL, OE# = FCS# = VIH, f = 5MHz, VCC = 5.5
325
mA
Standby Current
ISB
FCS# = SCS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
20
mA
SRAM Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
ICC1
FCS# = VIL, OE# = SCS# = VIH
120
mA
Flash VCC Active Current for Program or Erase (2)
ICC2
FCS# = VIL, OE# = SCS# = VIH
140
mA
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2mA/MHz, with OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
Parameter
Flash Data Retention
20 years
Flash Endurance (write/erase cycles)
100,000
NOTES: 1. Stresses above the absolute maximum rating may cause permanent
damage to the device. Extended operation at the maximum levels may
degrade performance and affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
SRAM TRUTH TABLE
SCS#
OE#
SWE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
CAPACITANCE
TA = +25°C
Test
Symbol
Condition
Max Unit
OE# Capacitance
COE
VIN = 0V, f = 1.0MHz
50
pF
WE# Capacitance
CWE
VIN = 0V, f = 1.0MHz
20
pF
CS# Capacitance
CCS
VIN = 0V, f = 1.0MHz
20
pF
Data I/O Capacitance
CI/O
VIN = 0V, f = 1.0MHz
20
pF
Address Line Capacitance
CAD
VIN = 0V, f = 1.0MHz
50
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WSF2816-39G2UMA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
   Power switching application
logo
Shenzhen Winsemi Microe...
WSF20D100 WINSEMI-WSF20D100 Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100-HF WINSEMI-WSF20D100-HF Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100L WINSEMI-WSF20D100L Datasheet
605Kb / 5P
   Power Schottky Rectifier
More results

Similar Description - WSF2816-39G2UMA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com