Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K16-25FLI Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS512K16-25FLI
Description  512Kx16 SRAM MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K16-25FLI Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS512K16-25FLI Datasheet HTML 1Page - White Electronic Designs Corporation WS512K16-25FLI Datasheet HTML 2Page - White Electronic Designs Corporation WS512K16-25FLI Datasheet HTML 3Page - White Electronic Designs Corporation WS512K16-25FLI Datasheet HTML 4Page - White Electronic Designs Corporation WS512K16-25FLI Datasheet HTML 5Page - White Electronic Designs Corporation WS512K16-25FLI Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K16-XXX
April 1998
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-17
-20
-25
-35
Units
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
17
20
25
35
ns
Chip Select to End of Write
tCW
14
17
20
25
ns
Address Valid to End of Write
tAW
14
17
20
25
ns
Data Valid to End of Write
tDW
10
12
15
20
ns
Write Pulse Width
tWP
14
17
20
25
ns
Address Setup Time
tAS
0000
ns
Address Hold Time
tAH
0000
ns
Output Active from End of Write
tOW1
0000
ns
Write Enable to Output in High Z
tWHZ1
9
101015
ns
Data Hold Time
tDH
0000
ns
LB#, UB# Valid to End of Write
tBW
14
17
20
25
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-17
-20
-25
-35
Units
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
17
20
25
35
ns
Address Access Time
tAA
17
20
25
35
ns
Output Hold from Address Change
tOH
0000
ns
Chip Select Access Time
tACS
17
20
25
35
ns
Output Enable to Output Valid
tOE
10
12
15
20
ns
Chip Select to Output in Low Z
tCLZ1
2555
ns
Output Enable to Output in Low Z
tOLZ1
0000
ns
Chip Disable to Output in High Z
tCHZ1
9
101215
ns
Output Disable to Output in High Z
tOHZ1
9
101215
ns
LB#, UB# Access Time
tBA
10
12
14
17
ns
LB#, UB# Enable to Low Z Output
tBLZ1
0000
ns
LB#, UB# Disable to High Z Output
tBHZ1
9
101215
ns
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WS512K16-25FLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32 ETC-WS512K32 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
White Electronic Design...
WS512K32-100G2TC WEDC-WS512K32-100G2TC Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TCA WEDC-WS512K32-100G2TCA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TI WEDC-WS512K32-100G2TI Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TIA WEDC-WS512K32-100G2TIA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
More results

Similar Description - WS512K16-25FLI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
logo
Aeroflex Circuit Techno...
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WE512K16-XG4X WEDC-WE512K16-XG4X Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com