Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3DG72256V-AD2 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WV3DG72256V-AD2
Description  2GB - 2x128Mx72 SDRAM, REGISTERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3DG72256V-AD2 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WV3DG72256V-AD2 Datasheet HTML 1Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 2Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 3Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 4Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 5Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 6Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 7Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 8Page - White Electronic Designs Corporation WV3DG72256V-AD2 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WV3DG72256V-AD2
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2006
Rev. 0
PRELIMINARY*
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR AD2
133.350
5.250
127.350
5.014
8.86 Max
(0.270 Max)
1.270±0.10
0.050±0.0039
2.000
0.079
0.157 ± 0.004
(4.000 ± 0.100)
6.350
0.250
36.830
1.450
54.64
2.150
3.00
0.118
8.890
0.350
118DIA ± 0.004
3.000DIA ± 0.100
?
6.350
0.250
11.430
(0.450)
115.57
4.550
1.372
0.054
ORDERING INFORMATION FOR AD2
Part Number
Clock Speed
CAS Latency
Height*
WV3DG72256V10AD2xx
100MHz
CL=2
28.58 (1.25”) TYP
WV3DG72256V7AD2xx
133MHz
CL=2
28.58 (1.25”) TYP
WV3DG72256V75AD2xx
133MHz
CL=3
28.58 (1.25”) TYP
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3DG72256V-AD2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3DG7266V-D1 WEDC-WV3DG7266V-D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V10D1 WEDC-WV3DG7266V10D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V75D1 WEDC-WV3DG7266V75D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V7D1 WEDC-WV3DG7266V7D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
More results

Similar Description - WV3DG72256V-AD2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com