Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WV3DG64127V10D2 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WV3DG64127V10D2
Description  1GB - 2x64Mx64, SDRAM UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3DG64127V10D2 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WV3DG64127V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 7Page - White Electronic Designs Corporation WV3DG64127V10D2 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3DG64127V-D2
April 2005
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
OPERATING AC PARAMETERS
VCC, VCCQ = +3.3v ±0.3V, 0°C - 70°C
Parameter
Symbol
775
10
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
7.5
1000
10
1000
ns
1
CAS latency=2
7.5
10
10
CLK to valid output delay
CAS latency=3
tSAC
5.4
5.4
6
ns
1, 2
CAS latency=2
5.4
6
6
Output data hold time
CAS latency=3
tOH
333
ns
2
CAS latency=2
3
3
3
CLK high pulse width
tCH
2.5
2.5
3
ns
3
CLK low pulse width
tCL
2.5
2.5
3
ns
3
Input setup time
tSS
1.5
1.5
2
ns
3
Input hold time
tSH
0.8
0.8
1
ns
3
CLK to output in Low-Z
tSLZ
111
ns
2
CLK to outpu in Hi-Z
CAS latency=3
tSHZ
5.4
5.4
6
ns
CAS latency=2
5.4
6
6
Notes :
1.
Parameters depend on programmed CAS latency.
2.
If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3.
Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.


Similar Part No. - WV3DG64127V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
WV3DG7266V-D1 WEDC-WV3DG7266V-D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V10D1 WEDC-WV3DG7266V10D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V75D1 WEDC-WV3DG7266V75D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V7D1 WEDC-WV3DG7266V7D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
More results

Similar Description - WV3DG64127V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com