Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF41632-22H2I Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WSF41632-22H2I
Description  128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF41632-22H2I Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WSF41632-22H2I Datasheet HTML 1Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 2Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 3Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 4Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 5Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 6Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 7Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 8Page - White Electronic Designs Corporation WSF41632-22H2I Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
WSF41632-22XX
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October, 2002
Rev. 4
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 32 Mode
ICCx32
SCS# = VIL, OE# = FCS# = VIH, f = 5MHz, VCC = 5.5
620
mA
Standby Current
ISB
FCS# = SCS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
80
mA
SRAM Output Low Voltage
VOL
IOL = 8mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
ICC1
FCS# = VIL, OE# = SCS# = VIH
260
mA
Flash VCC Active Current for Program or Erase (2)
ICC2
FCS# = VIL, OE# = SCS# = VIH
300
mA
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
4.2
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2mA/MHz, with OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
SRAM TRUTH TABLE
SCS#
OE#
SWE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
NOTE:
1. FCS# must remain high when SCS# is low.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
Parameter
Flash Data Retention
20 years
Flash Endurance (write/erase cycles)
100,000 min
NOTE:
1. Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and
affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
CAPACITANCE
Ta = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
80
pF
F/S WE1-4# capacitance
CWE
VIN = 0 V, f = 1.0 MHz
30
pF
F/S CS# capacitance
CCS
VIN = 0 V, f = 1.0 MHz
50
pF
D0-31 capacitance
CI/O
VIN = 0 V, f = 1.0 MHz
30
pF
A0-16 capacitance
CAD
VIN = 0 V, f = 1.0 MHz
80
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WSF41632-22H2I

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
   N-Ch and P-Channel MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
   Dual N-Ch MOSFET
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4060 WIINSOK-WSF4060 Datasheet
1Mb / 7P
   N-Ch MOSFET
WSF40N06 WIINSOK-WSF40N06 Datasheet
842Kb / 5P
   P-Ch MOSFET
More results

Similar Description - WSF41632-22H2I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com