Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSE128K16-42G2TM Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WSE128K16-42G2TM
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-42G2TM Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WSE128K16-42G2TM Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 9Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 10Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 11Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 12Page - White Electronic Designs Corporation WSE128K16-42G2TM Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
WSE128K16-XXX
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
EEPROM DATA POLLING
The WSE128K16-XXX offers a data polling feature for
the EEPROM which allows a faster method of writing to
the device. Figure 11 shows the timing diagram for this
function. During a byte or page write cycle, an attempted
read of the last byte written will result in the complement
of the written data on D7 (for each chip.) Once the write
cycle has been completed, true data is valid on all outputs
and the next cycle may begin. Data polling may begin at
any time during the write cycle.
FIGURE 10 – EEPROM DATA POLLING WAVEFORMS
EEPROM DATA POLLING CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Min
Max
Unit
Data Hold Time
tDH
10
ns
OE# Hold Time
tOEH
10
ns
OE# To Output Valid
tOE
55
ns
Write Recovery Time
tWR
0ns
EWE#1-2
ECS#1-2
OE#
ED7
ADDRESS
tOEH
tDH
tOE
tWR
HIGH Z


Similar Part No. - WSE128K16-42G2TM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-42H1C ETC-WSE128K16-42H1C Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1CA ETC-WSE128K16-42H1CA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1I ETC-WSE128K16-42H1I Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1IA ETC-WSE128K16-42H1IA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1M ETC-WSE128K16-42H1M Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-42G2TM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com