Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K32-70G2TI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WS512K32-70G2TI
Description  512Kx32 SRAM MODULE, SMD 5962-94611
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K32-70G2TI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WS512K32-70G2TI Datasheet HTML 1Page - White Electronic Designs Corporation WS512K32-70G2TI Datasheet HTML 2Page - White Electronic Designs Corporation WS512K32-70G2TI Datasheet HTML 3Page - White Electronic Designs Corporation WS512K32-70G2TI Datasheet HTML 4Page - White Electronic Designs Corporation WS512K32-70G2TI Datasheet HTML 5Page - White Electronic Designs Corporation WS512K32-70G2TI Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
WS512K32-XXX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 4
W S 512K 32 - XXX X X X
LEAD FINISH:
Blank =
Gold plated leads
A
=
Solder dip leads
DEVICE GRADE:
Q
=
MIL-STD-883 Compliant
M
=
Military Screened
-55°C to +125°C
I
=
Industrial
-40°C to 85°C
C
=
Commercial
0°C to +70°C
PACKAGE TYPE:
G2T1
=
22.4mm Ceramic Quad Flat Pack, Low Profile CQFP (Package 509)
ACCESS TIME (ns)
ORGANIZATION, 512Kx32
User configurable as 1Mx16 or 2Mx8
SRAM
WHITE ELECTRONIC DESIGNS CORP.
DEVICE TYPE
SPEED
PACKAGE
SMD NO.
512K x 32 SRAM Module
120ns
68 lead CQFP (G2T)1
5962-94611 01HMX
512K x 32 SRAM Module
100ns
68 lead CQFP (G2T)1
5962-94611 02HMX
512K x 32 SRAM Module
85ns
68 lead CQFP (G2T)1
5962-94611 03HMX
512K x 32 SRAM Module
70ns
68 lead CQFP (G2T)1
5962-94611 04HMX
ORDERING INFORMATION
Note 1: Package Not Recommended for New Designs.


Similar Part No. - WS512K32-70G2TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
More results

Similar Description - WS512K32-70G2TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com