Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WD512K32NV-20H1I Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WD512K32NV-20H1I
Description  512Kx32 SRAM 3.3V MULTICHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WD512K32NV-20H1I Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WD512K32NV-20H1I Datasheet HTML 1Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 2Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 3Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 4Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 5Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 6Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K32V-XXX
March
2006
Rev. 12
512Kx32 SRAM 3.3V MULTICHIP PACKAGE
Low Power CMOS
TTL Compatible Inputs and Outputs
Fully Static Operation:
• No clock or refresh required.
Three State Output.
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight
WS512K32V-XG2UX - 8 grams typical
WS512K32NV-XH1X - 13 grams typical
* This product is subject to change without notice.
FEATURES
Access Times of 15, 17, 20ns
Low Voltage Operation
Packaging
• 66-pin, PGA Type, 1.075 inch square, Hermetic
Ceramic HIP (Package 400)
• 68 lead, 22.4mm (0.880 inch) CQFP, (G2U),
3.56mm (0.140"), (Package 510)
Organized as 512Kx32; User Configurable as
2x512Kx16 or 4x512Kx8
Commercial, Industrial and Military Temperature
Ranges
Low Voltage Operation:
• 3.3V ± 10% Power Supply
PIN CONFIGURATION FOR WS512K32NV-XH1X
Pin Description
Top View
Block Diagram
I/O8
I/O9
I/O10
A13
A14
A15
A16
A17
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A11
A12
VCC
CS1#
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
A18
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
CS4#
WE4#
I/O27
A3
A4
A5
WE3#
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
WE1#CS1#CS2#CS3#CS4#
WE4#
WE3#
WE2#
512K x 8
512K x 8
512K x 8
512K x 8
OE#
A0-18
I/O0-7
I/O24-31
I/O16-23
I/O8-15
88
8
8
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WD512K32NV-20H1I

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVT WESTERN-WD5000BPVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVX WESTERN-WD5000BPVX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPCX WESTERN-WD5000LPCX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPLX WESTERN-WD5000LPLX Datasheet
510Kb / 2P
   WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
More results

Similar Description - WD512K32NV-20H1I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com