Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSE128K16-300H1M Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WSE128K16-300H1M
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-300H1M Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WSE128K16-300H1M Datasheet HTML 2Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 3Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 4Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 9Page - White Electronic Designs Corporation WSE128K16-300H1M Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
WSE128K16-XXX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
EEPROM WRITE
A write cycle is initiated when OE# is high and a low pulse
is on EWE# or ECS# with ECS# or EWE# low. The address
is latched on the falling edge of ECS# or EWE# whichever
occurs last. The data is latched by the rising edge of ECS#
or EWE#, whichever occurs first. A byte write operation
will automatically continue to completion.
WRITE CYCLE TIMING
Figures 7 and 8 show the write cycle timing relationships.
A write cycle begins with address application, write enable
and chip select. Chip select is accomplished by placing the
ECS# line low. Write enable consists of setting the EWE#
line low. The write cycle begins when the last of either
ECS# or EWE# goes low.
The EWE# line transition from high to low also initiates
an internal 150 µsec delay timer to permit page mode
operation. Each subsequent EWE# transition from high
to low that occurs before the completion of the 150 µsec
time out will restart the timer from zero. The operation of
the timer is the same as a retriggerable one-shot.
EEPROM AC WRITE CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Write Cycle Parameter
Symbol
Min
Max
Unit
Write Cycle Time, TYP = 6ms
tWC
10
ms
Address Set-up Time
tAS
0ns
Write Pulse Width (EWE# or ECS#)
tWP
150
ns
Chip Select Set-up Time
tCS
0ns
Address Hold Time
tAH
100
ns
Data Hold Time
tDH
10
ns
Chip Select Hold Time
tCSH
0ns
Data Set-up Time
tDS
100
ns
Output Enable Set-up Time
tOES
10
ns
Output Enable Hold Time
tOEH
10
ns
Write Pulse Width High
tWPH
50
ns


Similar Part No. - WSE128K16-300H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1C ETC-WSE128K16-35H1C Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1CA ETC-WSE128K16-35H1CA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1I ETC-WSE128K16-35H1I Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1IA ETC-WSE128K16-35H1IA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-300H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com