Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K8L-20CM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WS512K8L-20CM
Description  512Kx8 SRAM MODULE, SMD 5962-92078
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K8L-20CM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WS512K8L-20CM Datasheet HTML 1Page - White Electronic Designs Corporation WS512K8L-20CM Datasheet HTML 2Page - White Electronic Designs Corporation WS512K8L-20CM Datasheet HTML 3Page - White Electronic Designs Corporation WS512K8L-20CM Datasheet HTML 4Page - White Electronic Designs Corporation WS512K8L-20CM Datasheet HTML 5Page - White Electronic Designs Corporation WS512K8L-20CM Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K8-XCX
May 2004
Rev. 4
FIGURE 2 – AC TEST CIRCUIT
Current Source
Current Source
IOL
IOH
D.U.T.
CEFF = 50 pf
VZ 1.5V
(Bipolar Supply)
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
CAPACITANCE
(TA = +25°C)
Parameter
Symbol
Condition
Max
Unit
Input capacitance
CIN
VIN = 0V, f = 1.0MHZ
45
pF
Output capicitance
COUT
VOUT = 0V, f = 1.0MHZ
45
pF
This parameter is guaranteed by design but not tested.
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
VCC+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
DC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ 125°C)
Parameter
Symbol Conditions
-20
-25
-35
-45
Units
Min
Max
Min
Max
Min
Max
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
10
10
10
µA
Operating Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHZ, VCC = 5.5
210
210
210
210
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHZ
80
60
60
55
mA
Output Low Voltage
VOL
IOL = 8mA, VCC = 4.5
0.4
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
2.4
2.4
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
DATA RETENTION CHARACTERISTICS FOR LOW POWER “L” VERSION
(-55°C ≤ TA ≤ 125°C)
Parameter
Symbol Conditions
-20
-25
-35
-45
Units
Min Typ Max Min Typ Max Min Typ Max Min Typ Max
Data Retention Supply Voltage
VDR
CS# • VCC -0.2V
2.0
5.5
2.0
5.5
2.0
5.5
2.0
5.5
V
Data Retention Current
ICCDR1VCC = 3V
8.0 12.8
8.0 12.8
8.0 12.8
8.0 12.8
mA


Similar Part No. - WS512K8L-20CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WS512K8-20CC ETC-WS512K8-20CC Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WS512K8-20CCA ETC-WS512K8-20CCA Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WS512K8-20CI ETC-WS512K8-20CI Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WS512K8-20CIA ETC-WS512K8-20CIA Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results

Similar Description - WS512K8L-20CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com