Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF128K16-37H1M Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WSF128K16-37H1M
Description  128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K16-37H1M Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WSF128K16-37H1M Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 9Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 10Page - White Electronic Designs Corporation WSF128K16-37H1M Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K16-XXX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FCS# CONTROLLED
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
120
ns
Fwe# Setup Time
tWLEL
tWS
00
ns
Fcs# Pulse Width
tELEH
tCP
35
50
ns
Address Setup Time
tAVEL
tAS
00
ns
Data Setup Time
tDVEH
tDS
30
50
ns
Data Hold Time
tEHDX
tDH
00
ns
Address Hold Time
tELAX
tAH
45
50
ns
Fwe# Hold From Fwe# High
tEHWH
tWH
00
ns
Fcs# Pulse Width High
tEHEL
tCPH
20
20
ns
Duration Of Programming Operation
tWHWH1
14
14
µs
Duration Of Erase Operation
tWHWH2
2.2
60
2.2
60
sec
Read Recovery Before Write
tGHEL
00
ns
Chip Programming Time
12.5
12.5
sec


Similar Part No. - WSF128K16-37H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-37H1M ETC-WSF128K16-37H1M Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-37H1MA ETC-WSF128K16-37H1MA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results

Similar Description - WSF128K16-37H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com