Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K16-20FLM Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WS512K16-20FLM
Description  512Kx16 SRAM MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K16-20FLM Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WS512K16-20FLM Datasheet HTML 1Page - White Electronic Designs Corporation WS512K16-20FLM Datasheet HTML 2Page - White Electronic Designs Corporation WS512K16-20FLM Datasheet HTML 3Page - White Electronic Designs Corporation WS512K16-20FLM Datasheet HTML 4Page - White Electronic Designs Corporation WS512K16-20FLM Datasheet HTML 5Page - White Electronic Designs Corporation WS512K16-20FLM Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K16-XXX
April 1998
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE 102: 44 LEAD, CERAMIC SOJ
PACKAGE 209: 44 LEAD, CERAMIC FLAT PACK
9.55 (0.376)
± 0.25 (0.010)
1.27 (0.050) TYP
28.70 (1.13) ± 0.25 (0.010)
PIN 1 IDENTIFIER
26.7 (1.050) TYP
11.3 (0.446)
± 0.2 (0.009)
3.96 (0.156) MAX
0.2 (0.008)
± 0.05 (0.002)
1.27 (0.050)
± 0.25 (0.010)
0.89 (0.035)
Radius TYP
28.45 (1.120)
± 0.26 (0.010)
12.95 (0.510)
± 0.13 (0.005)
3.18 (0.125)
MAX
0.13 (0.005)
± 0.05 (0.002)
PIN 1
IDENTIFIER
1.27 (0.050) TYP
9.90 (0.390)
± 0.13 (0.005)
26.67 (1.050) TYP
10.16 (0.400)
± 0.51 (0.020)
0.43 (0.017)
± 0.05 (0.002)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WS512K16-20FLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32 ETC-WS512K32 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
White Electronic Design...
WS512K32-100G2TC WEDC-WS512K32-100G2TC Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TCA WEDC-WS512K32-100G2TCA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TI WEDC-WS512K32-100G2TI Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TIA WEDC-WS512K32-100G2TIA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
More results

Similar Description - WS512K16-20FLM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
logo
Aeroflex Circuit Techno...
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WE512K16-XG4X WEDC-WE512K16-XG4X Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com