Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS1M32V-25G3I Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WS1M32V-25G3I
Description  1Mx32 SRAM 3.3V MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M32V-25G3I Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WS1M32V-25G3I Datasheet HTML 1Page - White Electronic Designs Corporation WS1M32V-25G3I Datasheet HTML 2Page - White Electronic Designs Corporation WS1M32V-25G3I Datasheet HTML 3Page - White Electronic Designs Corporation WS1M32V-25G3I Datasheet HTML 4Page - White Electronic Designs Corporation WS1M32V-25G3I Datasheet HTML 5Page - White Electronic Designs Corporation WS1M32V-25G3I Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WS1M32V-XG3X
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2001
Rev. 5
PRELIMINARY
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 511: 84 LEAD, CERAMIC QUAD FLAT PACK (G3)
30.23 (1.190) ± 0.25 (0.010) SQ
27.18 (1.070) ± 0.25 (0.010) SQ
1.27 (0.050)
TYP
25.40 (1.000) TYP
0.27 (0.011) ±
0.04 (0.001)
SEE DETAIL “A”
DETAIL A
1/7
29.11 (1.146) ±
0.25 (0.010)
0.19 (0.008) ±
0.06 (0.003)
0.25 (0.010) ±
0.03 (0.002)
4.29 (0.169) ±
0.28 (0.011)
4.12 (0.162) ± 0.20 (0.008)
R 0.127
(0.005) MIN
1.02 (0.040) ±
0.12 (0.005)
0.38 (0.015) ±
0.05 (0.002)
The WEDC 84 lead G3 CQFP fills the same fit and
function as the JEDEC 84 lead CQFJ or 84 PLCC. But
the G3 has the TCE and lead inspection advantage of
the CQFP form.
1.146"


Similar Part No. - WS1M32V-25G3I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-17G3C ETC1-WS1M32-17G3C Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3CA ETC1-WS1M32-17G3CA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3I ETC1-WS1M32-17G3I Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3IA ETC1-WS1M32-17G3IA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3M ETC1-WS1M32-17G3M Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
More results

Similar Description - WS1M32V-25G3I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com