Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS1M8V-45CI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WS1M8V-45CI
Description  2x512Kx8 DUALITHICTM SRAM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8V-45CI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WS1M8V-45CI Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8V-45CI Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8V-45CI Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8V-45CI Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8V-45CI Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WS1M8V-XCX
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October, 2002
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
ORDERING INFORMATION
PACKAGE 300: 32 PIN, CERAMIC DIP, SINGLE CAVITY SIDE BRAZED
42.4 (1.670) ± 0.4 (0.016)
PIN 1 IDENTIFIER
0.84 (0.033)
± 0.4 (0.014)
4.34 (0.171) ± 0.79 (0.031)
15.04 (0.592)
± 0.3 (0.012)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55°C to +125°C
I
= Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
PACKAGE:
C = 32 pin Ceramic 0.600" DIP (Package 300)
ACCESS TIME (ns)
LOW VOLTAGE SUPPLY 3.3V ±10%
ORGANIZATION, two banks of 512K x 8
SRAM
WHITE ELECTRONIC DESIGNS CORP.
W S 1M8 V - XXX C X X


Similar Part No. - WS1M8V-45CI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8V-45CI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XXX WEDC-WS1M8-XXX Datasheet
361Kb / 6P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com