Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WME128K8-120CM Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WME128K8-120CM
Description  128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WME128K8-120CM Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WME128K8-120CM Datasheet HTML 3Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 4Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 5Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 6Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 7Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 8Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 9Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 10Page - White Electronic Designs Corporation WME128K8-120CM Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WME128K8-XXX
January 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
DEVICE TYPE
SPEED
PACKAGE
SMD NO.
128K x 8 EEPROM Monolithic
300ns
32 pin DIP (C)
5962-96796 01HYX
128K x 8 EEPROM Monolithic
250ns
32 pin DIP (C)
5962-96796 02HYX
128K x 8 EEPROM Monolithic
200ns
32 pin DIP (C)
5962-96796 03HYX
128K x 8 EEPROM Monolithic
150ns
32 pin DIP (C)
5962-96796 04HYX
128K x 8 EEPROM Monolithic
140ns
32 pin DIP (C)
5962-96796 05HYX
128K x 8 EEPROM Monolithic
120ns
32 pin DIP (C)
5962-96796 06HYX
128K x 8 EEPROM Monolithic
300ns
32 lead SOJ (DE)
5962-96796 01HXX
128K x 8 EEPROM Monolithic
250ns
32 lead SOJ (DE)
5962-96796 02HXX
128K x 8 EEPROM Monolithic
200ns
32 lead SOJ (DE)
5962-96796 03HXX
128K x 8 EEPROM Monolithic
150ns
32 lead SOJ (DE)
5962-96796 04HXX
128K x 8 EEPROM Monolithic
140ns
32 lead SOJ (DE)
5962-96796 05HXX
128K x 8 EEPROM Monolithic
120ns
32 lead SOJ (DE)
5962-96796 06HXX
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
Q = MIL-STD-883 Compliant
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
PACKAGE TYPE:
C = 32 Pin Ceramic DIP (Package 300)
DE = 32 Lead CSOJ (Package 101)
ACCESS TIME (ns)
ORGANIZATION 128K x 8
EEPROM
MONOLITHIC
WHITE ELECTRONIC DESIGNS CORP.
W M E 128K8 - XXX X X X


Similar Part No. - WME128K8-120CM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEA1005 WALL-WMEA1005 Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHES WALL-WMEA1005AHES Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHEU WALL-WMEA1005AHEU Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKS WALL-WMEA1005AHKS Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKU WALL-WMEA1005AHKU Datasheet
217Kb / 4P
   RoHS Compliant
More results

Similar Description - WME128K8-120CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com