Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC137 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder/demultiplexer with address latches; inverting
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 2 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
2 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay
CL = 15 pF; VCC =5 V
An to Yn
-
18
-
ns
LE to Yn
-
17
-
ns
E1 to Yn
-
15
-
ns
E2 to Yn
-
15
-
ns
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
VI = GND to VCC
[1] -57
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC137N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC137D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC137DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC1373-to-8 line decoder demultiplexer with address latches inverting 1 2 3 4 5 MoreNXP Semiconductors
MM74HC1373-to-8 Line Decoder With Address Latches Inverted Output 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC237N3-to-8 line decoder demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
74HC45154-to-16 line decoder/demultiplexer with input latches; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC2373-to-8 line decoder/demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
CD74HC137High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer with Address Latches 1 2 3 4 5 MoreTexas Instruments
MM54HC2373-to-8 Line Decoder With Address Latches 1 2 3 4 5 MoreNational Semiconductor (TI)
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
54ACTQ1654016-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor (TI)
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl