Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC137 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder/demultiplexer with address latches; inverting
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 1 page
background image
1.
General description
The 74HC137 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC137 is specified in compliance with JEDEC
standard no. 7A.
The 74HC137 is a 3-to-8 line decoder, demultiplexer with latches at the three address
inputs (An). The 74HC137 essentially combines the 3-to-8 decoder function with a 3-bit
storage latch. When the latch is enabled (LE = LOW), the 74HC137 acts as a 3-to-8 active
LOW decoder. When the latch enable (LE) goes from LOW-to-HIGH, the last data present
at the inputs before this transition, is stored in the latches. Further address changes are
ignored as long as LE remains HIGH.
The output enable input (E1 and E2) controls the state of the outputs independent of the
address inputs or latch operation. All outputs are HIGH unless E1 is LOW and E2 is HIGH.
The 74HC137 is ideally suited for implementing non-overlapping decoders in 3-state
systems and strobed (stored address) applications in bus oriented systems.
2.
Features
s Combines 3-to-8 decoder with 3-bit latch
s Multiple input enable for easy expansion or independent controls
s Active LOW mutually exclusive outputs
s Low-power dissipation
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Multiple package options
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
74HC137
3-to-8 line decoder, demultiplexer with address latches;
inverting
Rev. 03 — 11 November 2004
Product data sheet




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC1373-to-8 line decoder demultiplexer with address latches inverting 1 2 3 4 5 MoreNXP Semiconductors
MM74HC1373-to-8 Line Decoder With Address Latches Inverted Output 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC237N3-to-8 line decoder demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
74HC45154-to-16 line decoder/demultiplexer with input latches; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC2373-to-8 line decoder/demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
CD74HC137High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer with Address Latches 1 2 3 4 5 MoreTexas Instruments
MM54HC2373-to-8 Line Decoder With Address Latches 1 2 3 4 5 MoreNational Semiconductor (TI)
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
54ACTQ1654016-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor (TI)
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl