Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC137 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder/demultiplexer with address latches; inverting
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 5 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
5 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 3:
Pin description
Symbol
Pin
Description
A0
1
data input 0
A1
2
data input 1
A2
3
data input 2
LE
4
latch enable input (active LOW)
E1
5
data enable input 1 (active LOW)
E2
6
data enable input 2 (active HIGH)
Y7
7
multiplexer output 7
GND
8
ground (0 V)
Y6
9
multiplexer output 6
Y5
10
multiplexer output 5
Y4
11
multiplexer output 4
Y3
12
multiplexer output 3
Y2
13
multiplexer output 2
Y1
14
multiplexer output 1
Y0
15
multiplexer output 0
VCC
16
positive supply voltage
Table 4:
Function table [1]
Enable
Input
Output
LE
E1
E2
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
L
H
X
X
X
stable
X
H
X
X
X
X
HHHHHHHH
X
X
L
X
X
X
HHHHHHHH
L
L
H
L
L
L
L
HHHHHHH
H
L
L
H
L
HHHHHH
L
H
L
HHL
HHHHH
H
H
L
HHHL
HHHH
L
L
H
HHHHL
HHH
H
L
H
HHHHHL
HH
L
H
H
HHHHHHL
H
H
H
H
HHHHHHHL




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC1373-to-8 line decoder demultiplexer with address latches inverting 1 2 3 4 5 MoreNXP Semiconductors
MM74HC1373-to-8 Line Decoder With Address Latches Inverted Output 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC237N3-to-8 line decoder demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
74HC45154-to-16 line decoder/demultiplexer with input latches; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC2373-to-8 line decoder/demultiplexer with address latches 1 2 3 4 5 MoreNXP Semiconductors
CD74HC137High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer with Address Latches 1 2 3 4 5 MoreTexas Instruments
MM54HC2373-to-8 Line Decoder With Address Latches 1 2 3 4 5 MoreNational Semiconductor (TI)
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
54ACTQ1654016-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor (TI)
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl