Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF4M32-120G4TI5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF4M32-120G4TI5
Description  4Mx32 5V FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M32-120G4TI5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF4M32-120G4TI5 Datasheet HTML 1Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 2Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 3Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 4Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 5Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 6Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 7Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 8Page - White Electronic Designs Corporation WF4M32-120G4TI5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WF4M32-XXX5
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
RESET
CS2
GND
I/O11
A10
A9
A15
VCC
CS1
A19
I/O3
I/O15
I/O14
I/O13
I/O12
OE
A17
WE
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
A21
A13
A8
I/O16
I/O17
I/O18
VCC
CS4
NC
I/O27
A4
A5
A6
A20
CS3
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
August 2002 Rev. 4
I/O0-31
DataInputs/Outputs
A0-21
AddressInputs
WE
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
RESET
Reset
FIG. 1 PIN CONFIGURATION FOR WF4M32-XH2X5
PIN DESCRIPTION
TOP VIEW
4MX32 5V FLASH MODULE, SMD 5962-97612 (pending)
FEATURES
n Access Times of 100, 120, 150ns
n Packaging:
• 66 pin, PGA Type, 1.385" square, Hermetic
Ceramic HIP (Package 402).
• 68 lead, 40mm Low Profile CQFP ( Package
502 ), 3.5mm (0.140") height.
• 68 lead, Hermetic CQFP (G2T), 22.4mm
(0.880") square (Package 509) 4.57mm
(0.180") height. Designed to fit JEDEC 68
lead 0.990CQFJ footprint (Fig. 3)
n Sector Architecture
• 32 equal size sectors of 64KBytes per each
2Mx8 chip
• Any combination of sectors can be erased. Also
supports full chip erase.
n Minimum 100,000 Write/Erase Cycles Minimum
BLOCK DIAGRAM
n Organized as 4Mx32
n User configurable as 8Mx16 or 16Mx8 in HIP and
G4T packages.
n Commercial, Industrial, and Military Temperature Ranges
n 5 Volt Read and Write. 5V ± 10% Supply.
n Low Power CMOS
n Data Polling and Toggle Bit feature for detection of
program or erase cycle completion.
n Supports reading or programming data to a sector
not being erased.
n RESET pin resets internal state machine to the read
mode.
n Built-in Decoupling Caps and Multiple Ground
Pins for Low Noise Operation, Separate Power
and Ground Planes to improve noise immunity
PRELIMINARY*
*This data sheet describes a product under development, not fully
characterized, and is subject to change without notice.
Note:
For programming information refer to Flash Programming 16M5 Application Note.
I/O 0-7
CS1
I/O 8-15
CS2
I/O 16-23
CS3
I/O 24-31
CS
OE
A 0-20
4
A 21
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2Mx 8
2M x 8
2M x 8
WE
RESET


Similar Part No. - WF4M32-120G4TI5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M16-120DTC5 WEDC-WF4M16-120DTC5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTC5A WEDC-WF4M16-120DTC5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5 WEDC-WF4M16-120DTI5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5A WEDC-WF4M16-120DTI5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTM5 WEDC-WF4M16-120DTM5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
More results

Similar Description - WF4M32-120G4TI5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com