Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K32P-250G2TMA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WE128K32P-250G2TMA
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32P-250G2TMA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WE128K32P-250G2TMA Datasheet HTML 1Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 2Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 3Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 4Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 5Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32P-250G2TMA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 3
AC Test Circuit
DC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILOx32
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current (x32)
ICCx32
CS# = VIL, OE# = VIH, f = 5MHz
250
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz
2.5
mA
Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5V
0.45
V
Output High Voltage
VOH
IOH = -400µA, VCC = 4.5V
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z/Data Out
X
X
H
Write
X
L
X
Inhibit
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE1-4# capacitance
HIP (PGA)
CWE
VIN = 0 V, f = 1.0 MHz
20
pF
CQFP G2T
20
CS1-4# capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Unit
Operating Temperature
TA
-55 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Signal Voltage Relative to GND
VG
-0.6 to + 6.25
V
Voltage on OE# and A9
-0.6 to +13.5
V
NOTE:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
Current Source
IOH
IOL
Current Source
Vz ~ 1.5V
Bipolar Supply
~
D.U.T
Ceff = 50 pf


Similar Part No. - WE128K32P-250G2TMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32P-250G2TMA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com