Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQC-4120BO40DC6V1.9 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JQC-4120BO40DC6V1.9
Description  Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQC-4120BO40DC6V1.9 Datasheet(HTML) 1 Page - DB Lectro Inc

  JQC-4120BO40DC6V1.9 Datasheet HTML 1Page - DB Lectro Inc JQC-4120BO40DC6V1.9 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
PC board mounting.
Suitable for automatic control facilities and automobile application etc.
Both European 11mm footprint and American 8mm footprint available.
Ordering Information
JQC-4
C
S
30
DC12V
1.6
1
2
3
4
5
6
1 Part number:JQC-4(4120)
2 Contact arrangement:A:1A;B:1B;C:1C
3 Enclosure:S: Sealed type;Z: Dust cover
O: open type
4 Contact Current:15:15A;30:30A;40:40A
5 Coil rated Voltage(V):DC:6,9,12,18,24
6 Coil power consumption:1.6:1.6W;1.9:1.9W
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC f1C SPDT(B-M)
Contact Material
AgNi
Ag SnO
2
Ag CdO
Ag SnO
2 In2O3
Contact Rating (resistive)
NO: 40A/14VDC;
NC: 30A/14VDC, 20A/120VAC, 15A/28VDC
Max. Switching Power
460W
2400VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:40A
Contact Resistance or Voltage drop
30m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-1900
6
7.8
19
4.20
0.6
009-1900
9
11.7
42.6
6.30
0.9
1.9
012-1600
12
15.6
90
8.40
1.2
018-1600
18
23.4
202.5
12.6
1.8
024-1600
24
31.2
360
16.8
2.4
1.6
5
3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
113
JQC-4(4120)
Dust Covered
>>>>>Open Type
26.8
×21.5×22.3
24
×19×20
www.dblectro.com


Similar Part No. - JQC-4120BO40DC6V1.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4CAO15 DBLECTRO-JQC-4CAO15 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAO30 DBLECTRO-JQC-4CAO30 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAO40 DBLECTRO-JQC-4CAO40 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAS15 DBLECTRO-JQC-4CAS15 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAS30 DBLECTRO-JQC-4CAS30 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
More results

Similar Description - JQC-4120BO40DC6V1.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4 DBLECTRO-JQC-4_07 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
logo
HuaXinAn Electronics CO...
4120A HUAXINAN-4120A Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
4120C HUAXINAN-4120C Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
Advanced Power Electron...
AP2611GYT-HF A-POWER-AP2611GYT-HF Datasheet
56Kb / 4P
   Capable of 2.5V Gate Drive, Small Size & Lower Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com