Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF1M32B-100G2TC3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WF1M32B-100G2TC3
Description  1Mx32 3.3V Flash Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF1M32B-100G2TC3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WF1M32B-100G2TC3 Datasheet HTML 5Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 6Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 7Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 8Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 9Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 10Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 11Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 12Page - White Electronic Designs Corporation WF1M32B-100G2TC3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF1M32B-XXX3
March 2006
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE 509: 68 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G2T)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
0.38 (0.015) ± 0.05 (0.002)
0.27 (0.011) ± 0.04 (0.002)
25.15 (0.990) ± 0.26 (0.010) SQ
1.27 (0.050) TYP
24.03 (0.946)
± 0.26 (0.010)
22.36 (0.880) ± 0.26 (0.010) SQ
20.3 (0.800) REF
4.57 (0.180) MAX
0.19 (0.007)
± 0.06 (0.002)
23.87
(0.940) REF
1.0 (0.040)
± 0.127 (0.005)
0.25 (0.010) REF
1
° / 7°
R 0.25
(0.010)
DETAIL A
SEE DETAIL "A"
Pin 1
The WEDC 68 lead G2T
CQFP fills the same fit and
function as the JEDEC 68
lead CQFJ or 68 PLCC.
But the G2T has the TCE
and lead inspection advan-
tage of the CQFP form.
0.940"


Similar Part No. - WF1M32B-100G2TC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WF100 XPPOWER-WF100 Datasheet
86Kb / 2P
   DC-DC Power Supplies
WF100 XPPOWER-WF100 Datasheet
297Kb / 2P
   DC-DC Power Supplies
logo
Red Lion Controls. Inc
WF1000BF REDLION-WF1000BF Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WF1000BK REDLION-WF1000BK Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
More results

Similar Description - WF1M32B-100G2TC3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com