Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF1M32B-150HC3 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WF1M32B-150HC3
Description  1Mx32 3.3V Flash Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF1M32B-150HC3 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WF1M32B-150HC3 Datasheet HTML 1Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 2Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 3Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 4Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 5Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 6Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 7Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 8Page - White Electronic Designs Corporation WF1M32B-150HC3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF1M32B-XXX3
March 2006
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-0.5 to +4.0
V
Signal Voltage Range
-0.5 to Vcc +0.5
V
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
+300
°C
Endurance (write/erase cycles)
1,000,000 min.
cycles
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and
affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
0.7 x VCC VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE#1-4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
20
pF
CS1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS – CMOS COMPATIBLE
VCC = 3.3V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 3.6, VIN = GND or VCC
10
µA
Output Leakage Current
ILOx32
VCC = 3.6, VIN = GND or VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS# = VIL, OE# = VIH, f = 5MHz
120
mA
VCC Active Current for Program or Erase (2)
ICC2
CS# = VIL, OE# = VIH
140
mA
VCC Standby Current
ICC3
VCC = 3.6, CS = VIH, f = 5MHz
200
µA
Output Low Voltage
VOL
IOL = 5.8 mA, VCC = 3.0
0.45
V
Output High Voltage
VOH1
IOH = -2.0 mA, VCC = 3.0
0.85 X VCC
V
Low VCC Lock-Out Voltage (4)
VLKO
2.3
2.5
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz). The frequency component typically is less than 8 mA/MHz, with
OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
4. Guaranteed by design, but not tested.
DATA RETENTION
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data
150°C
10
Years
Retention Time
125°C
20
Years


Similar Part No. - WF1M32B-150HC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WF100 XPPOWER-WF100 Datasheet
86Kb / 2P
   DC-DC Power Supplies
WF100 XPPOWER-WF100 Datasheet
297Kb / 2P
   DC-DC Power Supplies
logo
Red Lion Controls. Inc
WF1000BF REDLION-WF1000BF Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WF1000BK REDLION-WF1000BK Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
More results

Similar Description - WF1M32B-150HC3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com