Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMF2M8-150DAM5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WMF2M8-150DAM5
Description  2Mx8 MONOLITHIC FLASH, SMD 5962-97609
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF2M8-150DAM5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WMF2M8-150DAM5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF2M8-XXX5
May 2004
Rev. 6
Fig. 1 – Pin Configuration for WMF2M8-XXX5
2Mx8 MONOLITHIC FLASH, SMD 5962-97609
Low Power CMOS
Data# Polling and Toggle Bit feature for detection of
program or erase cycle completion.
Supports reading or programming data to a sector
not being erased.
RESET# pin resets internal state machine to the
read mode.
Multiple Ground Pins for Low Noise Operation
* This data sheet describes a product that is subject to change without
notice.
** Package to be developed.
Note: For programming information refer to Flash Programming 16M5 Application Note.
FEATURES
Access Times of 90, 120, 150ns
Packaging:
• 56 lead, Hermetic Ceramic, 0.520" CSOP
(Package 207). Fits standard 56 SSOP footprint.
• 44 pin Ceramic LCC**
Sector Architecture
• 32 equal size sectors of 64KBytes each
• Any combination of sectors can be erased. Also
supports full chip erase.
100,000 Write/Erase Cycles Minimum
Organized as 2Mx8
Commercial, Industrial, and Military Temperature
Ranges
5V Read and Write. 5V ± 10% Supply.
56 CSOP
Top View
Pin Description
I/O0-7
Data Inputs/Outputs
A0-20
Address Inputs
WE#
Write Enable
CS#
Chip Select
OE#
Output Enable
VCC
Power Supply
GND
Ground
RY/BY#
Ready/Busy
RESET#
Reset
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
CS#
A12
A13
A14
A15
NC
NC
NC
A20
A19
A18
A17
A16
VCC
GND
I/O6
NC
I/O7
NC
RY/BY#
OE#
WE#
NC
NC
I/O5
NC
I/O4
VCC
NC
RESET#
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
GND
A8
VCC
NC
I/O1
NC
I/O0
A0
NC
NC
NC
I/O2
NC
I/O3
NC
GND
** Package to be developed.
44 CLCC**
Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
43
65
21 44 43 42 41 40
18 19 20 21 22 23 24 25 26 27 28
A7
A6
A5
A4
NC
NC
NC
A3
A2
A1
A0
A16
A17
A18
A19
NC
NC
NC
A20
WE#
OE#
RY/BY#


Similar Part No. - WMF2M8-150DAM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF2D15K-F ETC2-WMF2D15K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Cornell Dubilier Electr...
WMF2D15K-F CDE-WMF2D15K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
WMF2D15K-F CDE-WMF2D15K-F Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF2D15K-F CDE-WMF2D15K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
WMF2D1K-F ETC2-WMF2D1K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
More results

Similar Description - WMF2M8-150DAM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com