Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED7G240IDE36ADC25 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED7G240IDE36ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G240IDE36ADC25 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED7G240IDE36ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G240IDE36ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
SIGNAL NAME DIR
PIN
DESCRIPTION
RESET
I
100
HOST RESET. Reset signal from the host that is active on power up.
D(15-0)
I/O
70,62,54,46,38,30,
22,14,10,18,26,34,
42,50,58,66
HOST DATA. These 16 lines carry the data between the controller and the host. The
low 8 lines transfer commands, status and ECC information between the host and the
controller.
IOWR
I
84
I/O WRITE. This strobe pulse is used to clock data or commands on the host data
bus into the controller. The clocking will occur on the negative to positive edge of the
signal (trailing edge).
IORD
I
82
I/O READ. This is a read strobe generated by the host. This signal gates data or
status on the host bus and strobes the data from the controller into the host on the
low to high transition (trailing edge).
CSEL
I
98
This internally pulled up signal is used to configure this device as a Master or a
Slave. When this pin is grounded by the host, this device is configured as a Master.
When this pin is high (or open), this device is configured as a Slave.
IRQ
O
96
INTERRUPT REQUEST. This is an interrupt request from the controller to the host,
asking for service. The output of this signal is tri-stated when the interrupts are
disabled by the host.
IOCS16
O
124
I/O SELECT 16. This open drain output is asserted low by the controller to indicate to
the host the current cycle is a16 bit word data transfer.
PDIAG
I/O
118
PASS DIAGNOSTIC. This bi-directional open drain signal is asserted by the slave
after anExecute Diagnostic command to indicate to the master it has passed its
diagnostics.
A(2-0)
I
110,120,122
HOST ADDRESS. These address lines are used to select the registers within the
controller task file.
CS0
I
74
HOST CHIP SELECT 0. This is a chip select signal that is used to select the
controller task file.
CS1
I
80
HOST CHIP SELECT 1. This is a chip select signal that is used to select the control
and diagnostic register.
DASP
I/O
116
DISK ACTIVE/SLAVE PRESENT. This open drain output signal is asserted low any
time the drive is active. In a master/slave configuration, this signal is used by the
slave to inform the master a slave is present.
IORDY
O
102
This is an optional signal that is negated when the drive is not ready to respond to a
data transfer request. For the module this signal is not used, the pin is pulled up. As
long as the host obeys PIO mode 0 or 4 timing, the module is guaranteed to respond
properly.
GND
2,6,128
GROUND.
Vcc
4,126
POWER (3.3V – 5V)
SIGNAL DESCRIPTION


Similar Part No. - WED7G240IDE36ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G240IDE36ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com