Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M16W-90I5 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WF2M16W-90I5
Description  2Mx16 Flash MODULE, SMD 5962-97610
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M16W-90I5 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WF2M16W-90I5 Datasheet HTML 1Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 2Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 3Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 4Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 5Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 6Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M16W-90I5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M16-XXX5
April 2004
Rev. 5
PRELIMINARY
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS,CS# CONTROLLED
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
FIGURE 2 – AC TEST CIRCUIT
AC TEST CONDITIONS
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 ý.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.ATE
tester includes jig capacitance.
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Current Source
D.U.T.
CEFF = 50 pf
IOL
IOH
VZ 1.5V
(Bipolar Supply)
Current Source
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
000
ns
Chip Select Pulse Width
tELEH
tCP
45
50
50
ns
Address Setup Time
tAVEL
tAS
000
ns
Data Setup Time
tDVEH
tDS
45
50
50
ns
Data Hold Time
tEHDX
tDH
000
ns
Address Hold Time
tELAX
tAH
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
sec
Read Recovery Time
tGHEL
000
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time (3)
256
256
256
sec
Output Enable Hold Time (4)
tOEH
10
10
10
ns
NOTES:
1. Typical value for tWHWH1 is 7µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 32sec.
4. For Toggle and Data Polling.
FIGURE 3 – RESET TIMING DIAGRAM
RESET#
tRP
tReady


Similar Part No. - WF2M16W-90I5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-090G2UC5 WEDC-WF2M32-090G2UC5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UC5A WEDC-WF2M32-090G2UC5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5 WEDC-WF2M32-090G2UI5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5A WEDC-WF2M32-090G2UI5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UM5 WEDC-WF2M32-090G2UM5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results

Similar Description - WF2M16W-90I5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com