Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M16W-90M5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF2M16W-90M5
Description  2Mx16 Flash MODULE, SMD 5962-97610
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M16W-90M5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF2M16W-90M5 Datasheet HTML 1Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 2Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 3Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 4Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 5Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 6Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M16W-90M5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M16-XXX5
April 2004
Rev. 5
PRELIMINARY*
2Mx16 Flash MODULE, SMD 5962-97610
FEATURES
Access Times of 90, 120, 150ns
Packaging:
56 lead, Hermetic Ceramic, 0.520" CSOP
(Package 207).
Fits standard 56 SSOP footprint.
44 pin Ceramic SOJ (Package 102)**
44 lead Ceramic Flatpack (Package 208)**
Sector Architecture
32 equal size sectors of 64KBytes each
Any combination of sectors can be erased.
Also supports full chip erase.
Minimum 100,000 Write/Erase Cycles Minimum
Organized as 2Mx16; User Configurable as 2 x 2Mx8
Commercial, Industrial, and Military Temperature
Ranges
5 Volt Read and Write. 5V ± 10% Supply.
Low Power CMOS
Data# Polling and Toggle Bit feature for detection of
program or erase cycle completion.
Supports reading or programming data to a sector
not being erased.
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation.
RESET# pin resets internal state machine to the
read mode.
Ready/Busy (RY#/BY#) output for detection of
program or erase cycle completion.
Multiple Ground Pins for Low Noise Operation
* This product is under development, is not qualified or characterized and is subject to
change without notice.
** Package to be developed.
Note: For programming information refer to Flash Programming 16M5 Application Notes.
FIGURE 1 – PIN CONFIGURATIONS
PIN DESCRIPTION
I/O0-15
Data Inputs/Outputs
A0-20
Address Inputs
WE#
Write Enable
CS1-2#
Chip Select
OE#
Output Enable
VCC
Power Supply
VSS
Ground
RY/BY#
Ready/Busy
RESET#
Reset
BLOCK DIAGRAM
NOTE:
1. RY/BY# is an open drain output and should be pulled up to Vcc with an external resistor.
2. Address compatible with Intel 2M8 56 SSOP.
TOP VIEW
WF2M16-XDAX5
56 CSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
CS1#
A12
A13
A14
A15
NC
CS2#
NC
A20
A19
A18
A17
A16
VCC
GND
I/O6
I/O14
I/O7
I/O15
RY/BY#
OE#
WE#
NC
I/O13
I/O5
I/O12
I/O4
VCC
NC
#RESET
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
GND
A8
VCC
I/O9
I/O1
I/O8
I/O0
A0
NC
NC
NC
I/O2
I/O10
I/O3
I/O11
GND
2M x 8
2M x 8
A 0-20
OE#
WE#
CS 1#
CS 2#
I/O 0-7
I/O 8-1
RESET#
R Y /BY#
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
CS1#
A12
A13
A14
A15
NC
CS2#
NC
A20
A19
A18
A17
A16
VCC
GND
I/O6
I/O14
I/O7
I/O15
RY/BY#
OE#
WE#
NC
I/O13
I/O5
I/O12
I/O4
VCC
NC
#RESET
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
GND
A8
VCC
I/O9
I/O1
I/O8
I/O0
A0
NC
NC
NC
I/O2
I/O10
I/O3
I/O11
GND
WF2M16-XXX5
44 CSOJ (DL)**
44 FLATPACK (FL)**
** Package to be developed.


Similar Part No. - WF2M16W-90M5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-090G2UC5 WEDC-WF2M32-090G2UC5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UC5A WEDC-WF2M32-090G2UC5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5 WEDC-WF2M32-090G2UI5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5A WEDC-WF2M32-090G2UI5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UM5 WEDC-WF2M32-090G2UM5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results

Similar Description - WF2M16W-90M5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com