Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPY256K72V-150BI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WEDPY256K72V-150BI
Description  256Kx72 Synchronous Pipeline SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPY256K72V-150BI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WEDPY256K72V-150BI Datasheet HTML 4Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 5Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 6Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 7Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 8Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 9Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 10Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 11Page - White Electronic Designs Corporation WEDPY256K72V-150BI Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPY256K72V-XBX
August 2004
Rev. 7
FIGURE 5 – READ/WRITE TIMING3
NOTES:
1. Q(A4) refers to output from addrss A4. Q(A4 + 1) refers to output from the next internal burst address to following A4.
2. CS2# and CS2 have timing identical to CS1#. On this diagram, when CS1# is LOW, CS2# is LOW and CS2# is HIGH.
When CS1# is HIGH, CS2 is HIGH and CS2 is LOW.
3. The data bus (Q) remains in High-Z following a WRITE cycle unless an ADSP#, ADSC#, or ADV# cycle is performed.
4. GW# is HIGH.
5. Back-to back READs may be controlled by either ADSP# or ADSC#.
CLK
tKC
tKH
tADSS
A1
A2
A3
A4
tADSH
tAH
tAS
tWS tWH
tCES
tDS
tKQLZ
tKQ
tOEHZ
tOELZ
tDH
(NOTE 1)
High-Z
High-Z
Back-to-Back READs
(Note 5)
Single WRITE
Burst Read
Back-to-Back
WRITEs
A5
A6
Don’t care
Undefined
tCEH
tKL
ADSP#
ADSC#
Address
BWE#, BWa#-BWd#
(Note 4)
CS#
(Note 2)
ADV#
OE#
D
Q#
Q(A1)
Q(A2)
D(A2)
Q(A4+2)
Q(A4+3)
Q(A4)
D(A6)
D(A5)
Q
(A4+1)


Similar Part No. - WEDPY256K72V-150BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPY256K72V-150BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com