Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPS512K32-12BC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDPS512K32-12BC
Description  512Kx32 SRAM MULTI-CHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPS512K32-12BC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDPS512K32-12BC Datasheet HTML 1Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 2Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 3Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 4Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 5Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 6Page - White Electronic Designs Corporation WEDPS512K32-12BC Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WEDPS512K32-XBX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
November, 2003
Rev.6
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
VCC+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
TRUTH TABLE
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp (Mil)
TA
-55
+125
°C
CAPACITANCE
(TA = +25°C)
Parameter
Symbol
Conditions
Max
Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
30
pF
WE#1-4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
10
pF
CS#1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
10
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
10
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
30
pF
Parameter
Symbol
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current x 32 Mode
ICC x 32
CS# = VIL, OE# = VIH, f = 5MHz, Vcc = 5.5
660
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, Vcc = 5.5
80
mA
Output Low Voltage
VOL
IOL = 8mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
DC CHARACTERISTICS
(VCC = 5.0V, VSS = 0V, TA = -55°C to +125°C)
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Out Disable
High Z
Active
L
X
L
Write
Data In
Active
This parameter is guaranteed by design but not tested.
BGA THERMAL RESISTANCE
Description
Symbol
Max
Unit
Notes
Junction to Ambient (No Airflow)
Theta JA
16.5
°C/W
1
Junction to Ball
Theta JB
11.3
°C/W
1
Junction to Case (Top)
Theta JC
9.8
°C/W
1
NOTE: Refer to Application Note "PBGA Thermal Resistance Correlation" at www.
whiteedc.com in the application notes section for modeling conditions.
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V


Similar Part No. - WEDPS512K32-12BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32LV-12BC WEDC-WEDPS512K32LV-12BC Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-12BI WEDC-WEDPS512K32LV-12BI Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-12BM WEDC-WEDPS512K32LV-12BM Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-15BC WEDC-WEDPS512K32LV-15BC Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-15BI WEDC-WEDPS512K32LV-15BI Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
More results

Similar Description - WEDPS512K32-12BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com