Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPZ512K72V-133BI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WEDPZ512K72V-133BI
Description  512K x 72 Synchronous Pipeline Burst ZBL SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPZ512K72V-133BI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WEDPZ512K72V-133BI Datasheet HTML 1Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 2Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 3Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 4Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 5Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 6Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 7Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 8Page - White Electronic Designs Corporation WEDPZ512K72V-133BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPZ512K72V-XBX
February 2006
Rev. 7
DC CHARACTERISTICS
-55°C ≤ TA ≤ + 125°C
Description
Symbol
Conditions
150
MHz
(Max)
133
MHz
(Max)
100
MHz
(Max)
Units
Notes
Power Supply Current:
Operating
IDD
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle Time ≥ TCYC MIN;
VCC = MAX; Output Open
700
650
600
mA
1
Power Supply Current:
Standby
ISB2
Device Deselected; VCC = MAX; All Inputs ≤ VIL or ≥ VIH
All Inputs Static; CLK Frequency = MAX
Output Open, ZZ ≥ VCC - 0.2V
120
120
120
mA
Clock Running Standby
Current
ISB
Device Deselected; VCC = MAX; All Inputs
≤ VSS + 0.2 or ≥ VCC - 0.2; f = max ; ZZ ≤ VIL
200
180
160
mA
NOTES:
1.
IDD is specified with no output current and increases with faster cycle times.
IDD increases with faster cycle times and greater output loading.
ABSOLUTE MAXIMUM RATINGS*
Electrical Characteristics
-55°C ≤ TA ≤ + 125°C
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1) Voltage
VIH
3.3V I/O
2.0
VCC +0.5
V
1
2.5V I/O
1.7
VCC +0.5
Input Low (Logic 0) Voltage
VIL
3.3V I/O
-0.3
0.7
V
1
2.5 I/O
-0.3
0.7
Input Leakage Current
IIL
VCC = Max, 0V ≤ VIN ≤ VCC
-4
+4
µA
2
Output Leakage Current
IOL
Output(s) Disabled, VOUT = VSS to VCCQ
-2
+2
µA
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
1
IOH = -1mA (2.5v I/O)
2.0
V
Output Low Voltage
VOL
IOL = 8.0mA (3.3V I/O)
0.4
V
1
IOL = 1.0 mA (2.5v I/O)
0.4
V
Supply Voltage
VCC
3.135
3.465
V
1
I/O Power Supply (3.3V)
VCCQ
3.135
3.465
V
1
I/O Power Supply (2.5V)
VCCQ
2.375
2.9
V
1
NOTES:
1.
All voltages referenced to VSS (GND)
2.
ZZ pin has an internal pull-up, and input leakage = ± 20 µA.
BGA CAPACITANCE
TA = + 25°C, f = 1MHz
Description
Symbol
Max
Units
Notes
Control Input Capacitance (LBO#, zz)
CIC
16
pF
1
Control Input Capacitance
CI
8
pF
1
Input/Output Capacitance (DQ)
CO
10
pF
1
Address Capacitance
CA
16
pF
1
Clock Capacitance
CCK
6
pF
1
NOTES: 1. This parameter is not tested but guaranteed by design.
THERMAL RESISTANCE
Parameter
Symbol
Max
Unit
Thermal Resistance: Die Junction to Ambient
θJA
28.1
°C/W
Thermal Resistance: Die Junction to Ball
θJB
16.0
°C/W
Thermal Resistance: Die Junction to Case
θJC
7.1
°C/W
Note: Refer to Application Note “PBGA Thermal Resistance Corrleation” for further
information regarding WEDC’s thermal modeling.
VIN Voltage or any other pin relative hovss
-0.3V to +4.6V
Voltage on VCC Supply Relative to VSS
-0.3V to +4.6V
Storage Temperature (BGA)
-55°C to +150°C
Maximum Operating Junction Temperature
125°C
* Stress greater than those listed under “Absolute Maximum Ratings: may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.


Similar Part No. - WEDPZ512K72V-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-100BC WEDC-WEDPZ512K72S-100BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BI WEDC-WEDPZ512K72S-100BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BM WEDC-WEDPZ512K72S-100BM Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BC WEDC-WEDPZ512K72S-133BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BI WEDC-WEDPZ512K72S-133BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
More results

Similar Description - WEDPZ512K72V-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com