Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPS512K32-20BI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPS512K32-20BI
Description  512Kx32 SRAM MULTI-CHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPS512K32-20BI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WEDPS512K32-20BI Datasheet HTML 1Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 2Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 3Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 4Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 5Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 6Page - White Electronic Designs Corporation WEDPS512K32-20BI Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WEDPS512K32-XBX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
November, 2003
Rev.6
WHITE ELECTRONIC DESIGNS CORP.
PLASTIC
SRAM
ORGANIZATION, 512Kx32
User configurable as 1Mx16 or 2Mx8
ACCESS TIME (ns)
PACKAGE TYPE:
B = 143 PBGA, 16mm x 18mm, 288mm2
DEVICE GRADE:
M =
MILITARY SCREENED
-55°C TO +125°C
I
=
INDUSTRIAL
-40°C TO 85°C
C
=
COMMERCIAL
0°C TO +70°C
ORDERING INFORMATION
WED P S 512K 32 - XX X X


Similar Part No. - WEDPS512K32-20BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32LV-12BC WEDC-WEDPS512K32LV-12BC Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-12BI WEDC-WEDPS512K32LV-12BI Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-12BM WEDC-WEDPS512K32LV-12BM Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-15BC WEDC-WEDPS512K32LV-15BC Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32LV-15BI WEDC-WEDPS512K32LV-15BI Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
More results

Similar Description - WEDPS512K32-20BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com