Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPZ512K72S-133BI Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDPZ512K72S-133BI
Description  512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPZ512K72S-133BI Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDPZ512K72S-133BI Datasheet HTML 1Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 2Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 3Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 4Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 5Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 6Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 7Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 8Page - White Electronic Designs Corporation WEDPZ512K72S-133BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
WEDPZ512K72S-XBX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
November 2003
Rev. 6
FUNCTIONAL BLOCK DIAGRAM
A0-18
BWa#
BWb#
BWc#
BWd#
WE0#
OE0#
CLK0#
CKE0#
CS10#
CS20#
CS20
ADV0
LB0#
ZZ
SA
BWa#
BWb#
BWc#
BWd#
WE0#
OE0#
CLK
CKE#
CS1#
CS2#
CS2
ADV
LB0#
ZZ
DQPA
DQA0-7
DQPB
DQB0-7
DQPC
DQC0-7
DQPD
DQD0-7
DQPA
DQA0-7
DQPB
DQB0-7
DQPC
DQC0-7
DQPD
DQD0-7
512K x 36 SSRAM
BWe#
BWf#
BWg#
BWh#
WE1#
OE1#
CLK1#
CKE1#
CS113#
CS21#
CS21#
ADV1
SA
BWa#
BWb#
BWc#
BWd#
WE0#
OE0#
CLK
CKE
CS1#
CS2#
CS2
ADV
LB0#
ZZ
512K x 36 SSRAM
DQPA
DQA0-7
DQPB
DQB0-7
DQPC
DQC0-7
DQPH
DQD0-7
DQPE
DQE0-7
DQPF
DQF0-7
DQPG
DQG0-7
DQPH
DQH0-7


Similar Part No. - WEDPZ512K72S-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72V-100BC WEDC-WEDPZ512K72V-100BC Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-100BI WEDC-WEDPZ512K72V-100BI Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-100BM WEDC-WEDPZ512K72V-100BM Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-133BC WEDC-WEDPZ512K72V-133BC Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-133BI WEDC-WEDPZ512K72V-133BI Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results

Similar Description - WEDPZ512K72S-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com