Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPZ512K72V-150BM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDPZ512K72V-150BM
Description  512K x 72 Synchronous Pipeline Burst ZBL SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPZ512K72V-150BM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDPZ512K72V-150BM Datasheet HTML 1Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 2Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 3Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 4Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 5Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 6Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 7Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 8Page - White Electronic Designs Corporation WEDPZ512K72V-150BM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPZ512K72V-XBX
February 2006
Rev. 7
PIN CONFIGURATION
(TOP VIEW)
NOTE: DNU means Do Not Use and are reserved for future use.
* Pin F8 reserved for A19 upgrade to 1M x 72
123456789
A
ADV0
OE0#DQb2
DQb4
DQb6
dnu
DQa6
DQa2
B
CKE0#WE0#DQb7
DQb5
DQb3
DQb0
DQa7
DQa3
DQa1
C
CLK0
CS20#DQc2
DQpc
DQpb
DQb1
DQd7
DQa4
DQa0
D
BWa#
BWb#
DQC3
VSS
VSS
VSS
DQD6
DQA5
DQPA
E
BWc#
BWd#
DQC4
VCCQ
VCCQ
VCCQ
DQD5
DQPD
ZZ
F
CS10#CS20
DQC5
VCCQ
VCCQ
VSS
DQD4
DNU*
A0
G
A7
DQC0
DQC7
VSS
VCC
VCC
DQD3
A1
A3
H
A18
DQC1
DQC6
VCC
VCC
VCC`DQD2
A2
A5
J
A9
A6
DQF2
VSS
VSS
VSS
DQD1
A4
A16
K
A8
DQF4
FQF3
VCC
VCC
VCC
DQD0
A14
A15
L
A17
DQF5
DQF6
VCC
VCC
VSS
DQE6
A12
A13
M
ADV1
OE1#DQF7
VSS
VCCQ
VCCQ
DQE7
A10
A11
N
CKE1#WE1#DQPF
VCCQ
VCCQ
VCCQ
DQE5
DQE3
LBO#
P
CLK1
CS21#DQF1
VSS
VSS
VSS
DQE4
DQE2
DQE0
R
BWe#
BWf#
DQF0
DQG1
DQG4
DQH1
DQH2
DQE1
DQPE
T
BWg#
BWh#
DQG0
DQG2
DQG5
DQH0
DQH4
DQH7
DQPH
U
CS11#CS21
DQG3
DQPG
DQG6
DQG7
DQH3
DQH5
DQH6


Similar Part No. - WEDPZ512K72V-150BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-100BC WEDC-WEDPZ512K72S-100BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BI WEDC-WEDPZ512K72S-100BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BM WEDC-WEDPZ512K72S-100BM Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BC WEDC-WEDPZ512K72S-133BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BI WEDC-WEDPZ512K72S-133BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
More results

Similar Description - WEDPZ512K72V-150BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com