Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPN16M64VR-125B2C Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WEDPN16M64VR-125B2C
Description  16Mx64 REGISTERED SYNCHRONOUS DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64VR-125B2C Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WEDPN16M64VR-125B2C Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN16M64VR-125B2C Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
WEDPN16M64VR-XB2X
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
COMMANDS
The Truth Table provides a quick reference of available
commands. This is followed by a written description of each
command. Three additional Truth Tables appear following
the Operation section; these tables provide current state/
next state information.
INPUTS
OUTPUT
OE#
LE#
CLK
A
Y
H
XXX
Z
LL
X
L
L
LL
X
H
H
LH
I
L
L
LH
I
H
H
L
H
L or H
X
Y0(1)
NOTES: 1. Output level before the indicated steady-state input conditions were
established.
REGISTER FUNCTION TABLE
COMMAND INHIBIT
The COMMAND INHIBIT function prevents new commands
from being executed by the SDRAM, regardless of whether
the CLK signal is enabled. The SDRAM is effectively
deselected. Operations already in progress are not
affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform
a NOP to an SDRAM which is selected (CS is LOW). This
prevents unwanted commands from being registered during
idle or wait states. Operations already in progress are not
affected.
LOAD MODE REGISTER
The Mode Register is loaded via inputs A0-11. See Mode
Register heading in the Register Definition section. The
LOAD MODE REGISTER command can only be issued
when all banks are idle, and a subsequent executable
command cannot be issued until tMRD is met.
TRUTH TABLE — COMMANDS AND DQM OPERATION (NOTE 1)
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
DQM
ADDR
I/Os
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
X
Bank/Row
X
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
L/H 8
Bank/Col
X
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
L/H 8
Bank/Col
Valid
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
X
Code
X
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
X
X
LOAD MODE REGISTER (2)
L
L
L
L
X
Op-Code
X
Write Enable/Output Enable (8)
L
Active
Write Inhibit/Output High-Z (8)
H
High-Z
NOTES:
1. CKE is HIGH for all commands shown except SELF REFRESH.
2. A0-11 define the op-code written to the Mode Register.
3. A0-12 provide row address, and BA0, BA1 determine which bank is made active.
4. A0-8 provide column address; A10 HIGH enables the auto precharge feature
(nonpersistent), while A10 LOW disables the auto precharge feature; BA0, BA1
determine which bank is being read from or written to.
5. A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
6. This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care”
except for CKE.
8. Activates or deactivates the I/Os during WRITEs (zero-clock delay) and READs
(two-clock delay).


Similar Part No. - WEDPN16M64VR-125B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2I WEDC-WEDPN16M64V-125B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPN16M64VR-125B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-XB2X WEDC-WEDPN16M64V-XB2X Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M72VR-XB2X WEDC-WEDPN16M72VR-XB2X Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com