Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDF1M32B-120G2TI5 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WEDF1M32B-120G2TI5
Description  1Mx32 5V Flash Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDF1M32B-120G2TI5 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WEDF1M32B-120G2TI5 Datasheet HTML 1Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 2Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 3Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 4Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 5Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 6Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 7Page - White Electronic Designs Corporation WEDF1M32B-120G2TI5 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
May 1999
Rev.1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS – CS# CONTROLLED
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-90
-120
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
90
120
ns
Chip Select Setup Time
tELWL
tCS
000
ns
Write Enable Pulse Width
tWLWH
tWP
345
45
50
ns
Address Setup Time
tAVWH
tAS
000
ns
Data Setup Time
tDVWH
tDS
35
45
50
ns
Data Hold Time
tWHDX
tDH
000
ns
Address Hold Time
tWLAX
tAH
45
45
50
ns
Chip Select Hold Time
tWHEH
tCH
000
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
NS
Programming Operation (2)
tWHWH1
300
300
300
µs
Sector Erase Operation (3)
tWHWH2
888
sec
Write Recovery before Read
tWHECL
000
µs
Chip Programming Time
50
50
50
sec
NOTES:
1. Guaranteed by design, not tested.
2. Typical value for tWHWH1 is 7µs.
3. Typical value for tWHWH2 is 1sec.
DC CHARACTERISTICS – CMOS COMPATIBLE
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN = VCC to GND
10
µA
Output Leakage Current
ILO
VOUT = VCC to GND
10
µA
VCC Read Current (1, 2)
ICC1
CS# = VIL, OE# = VIH, f = 5MHz, IOUT = 0mA
160
mA
VCC Write Current (2, 3 ,4)
ICC2
CS# = VIL, OE# = VIH
200
mA
VCC Standby Current (2, 5)
ICC3
CS# = RESET# = OE# = CS = VIH, f = 5MHz
20.0
µA
Output Low Voltage
VOL
VCC = 4.5, IOL = 5.8 mA
0.45
V
Output High Voltage
VOH
VCC = 4.5, IOH = -2.5 mA
2.4
V
Low VCC Lock-Out Voltage (4)
VLKO
3.2
4.2
V
NOTES:
1. The ICC current listed is typically less than 2mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC = VCC max
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Not 100% tested.
5. ICC3 = 20µA max at extended temperature (> +85°C).


Similar Part No. - WEDF1M32B-120G2TI5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V10D2 WEDC-WED2CG472512V10D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V12D2 WEDC-WED2CG472512V12D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V15D2 WEDC-WED2CG472512V15D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V9D2 WEDC-WED2CG472512V9D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
More results

Similar Description - WEDF1M32B-120G2TI5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com