Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPS512K32LV-15BM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPS512K32LV-15BM
Description  512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPS512K32LV-15BM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WEDPS512K32LV-15BM Datasheet HTML 1Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 2Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 3Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 4Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 5Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 6Page - White Electronic Designs Corporation WEDPS512K32LV-15BM Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPS512K32V-XBX
June 2004
Rev. 5
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS CORP.
PLASTIC
SRAM
ORGANIZATION, 512Kx32
User configurable as 1Mx16 or 2Mx8
OPTIONS:
L = Low power data retention
Low Voltage Supply 3.3V ± 10%
ACCESS TIME (ns)
PACKAGE TYPE:
B = 143 PBGA, 16mm x 18mm, 288mm2
DEVICE GRADE:
M = MILITARY SCREENED -55°C TO +125°C
I = INDUSTRIAL
-40°C TO 85°C
C = COMMERCIAL
0°C TO +70°C
WED P S 512K 32 L V - XX X X


Similar Part No. - WEDPS512K32LV-15BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32-12BC WEDC-WEDPS512K32-12BC Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
WEDPS512K32-12BI WEDC-WEDPS512K32-12BI Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
WEDPS512K32-12BM WEDC-WEDPS512K32-12BM Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
WEDPS512K32-15BC WEDC-WEDPS512K32-15BC Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
WEDPS512K32-15BI WEDC-WEDPS512K32-15BI Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
More results

Similar Description - WEDPS512K32LV-15BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com