Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPN16M72V-100B2M Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WEDPN16M72V-100B2M
Description  16Mx72 Synchronous DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M72V-100B2M Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WEDPN16M72V-100B2M Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 12Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 13Page - White Electronic Designs Corporation WEDPN16M72V-100B2M Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
White Electronic Designs
February 2005
Rev. 3
WEDPN16M72V-XB2X
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOTES:
1.
All voltages referenced to VSS.
2.
This parameter is not tested but guaranteed by design. f = 1 MHz, TA = 25°C.
3.
IDD is dependent on output loading and cycle rates. Specified values are obtained
with minimum cycle time and the outputs open.
4.
Enables on-chip refresh and address counters.
5.
The minimum specifications are used only to indicate cycle time at which proper
operation over the full temperature range is ensured.
6.
An initial pause of 100µs is required after power-up, followed by two AUTO
REFRESH commands, before proper device operation is ensured. (VCC must be
powered up simultaneously.) The two AUTO REFRESH command wake-ups should
be repeated any time the tREF refresh requirement is exceeded.
7.
AC characteristics assume tT = 1ns.
8.
In addition to meeting the transition rate specification, the clock and CKE must
transit between VIH and VIL (or between VIL and VIH) in a monotonic manner.
9.
Outputs measured at 1.5V with equivalent load:
Q
1.5V
50Ω
10. tHZ defines the time at which the output achieves the open circuit condition; it is not
a reference to VOH or VOL. The last valid data element will meet tOH before going
High-Z.
11. AC timing and IDD tests have VIL = 0V and VIH = 3V, with timing referenced to 1.5V
crossover point.
12. Other input signals are allowed to transition no more than once every two clocks
and are otherwise at valid VIH or VIL levels.
13. ICC specifications are tested after the device is properly initialized.
14. Timing actually specified by tCKS; clock(s) specified as a reference only at minimum
cycle rate.
15. Timing actually specified by tWR plus tRP; clock(s) specified as a reference only at
minimum cycle rate.
16. Timing actually specified by tWR.
17. Required clocks are specified by JEDEC functionality and are not dependent on
any timing parameter.
18. The ICC current will decrease as the CAS latency is reduced. This is due to the fact
that the maximum cycle rate is slower as the CAS latency is reduced.
19. Address transitions average one transition every two clocks.
20. CLK must be toggled a minimum of two times during this period.
21. VIH overshoot: VIH (MAX) = VCC + 2V for a pulse width 3ns, and the pulse width
cannot be greater than one third of the cycle rate. VIL undershoot: VIL (MIN) = -2V
for a pulse width 3ns.
22. The clock frequency must remain constant (stable clock is defined as a signal
cycling within timing constraints specified for the clock pin) during access or
precharge states (READ, WRITE, including tWR, and PRECHARGE commands).
CKE may be used to reduce the data rate.
23. Auto precharge mode only. The precharge timing budget (tRP) begins 7.5ns/7ns
after the first clock delay, after the last WRITE is executed.
24. Precharge mode only.
25. JEDEC and PC100 specify three clocks.
26. Parameter guaranteed by design.
27. Self refresh available in commercial and industrial temperatures only.
AC FUNCTIONAL CHARACTERISTICS (NOTES 5,6,7,8,9,11)
Parameter/Condition
Symbol
-100
-125
-133
Units
READ/WRITE command to READ/WRITE command (17)
tCCD
111
tCK
CKE to clock disable or power-down entry mode (14)
tCKED
1
1
1
tCK
CKE to clock enable or power-down exit setup mode (14)
tPED
111
tCK
DQM to input data delay (17)
tDQD
0
0
0
tCK
DQM to data mask during WRITEs
tDQM
0
0
0
tCK
DQM to data high-impedance during READs
tDQZ
2
2
2
tCK
WRITE command to input data delay (17)
tDWD
0
0
0
tCK
Data-in to ACTIVE command (15)
tDAL
455
tCK
Data-in to PRECHARGE command (16)
tDPL
2
2
2
tCK
Last data-in to burst STOP command (17)
tBDL
111
tCK
Last data-in to new READ/WRITE command (17)
tCDL
1
1
1
tCK
Last data-in to PRECHARGE command (16)
tRDL
2
2
2
tCK
LOAD MODE REGISTER command to ACTIVE or REFRESH command (25)
tMRD
222
tCK
Data-out to high-impedance from PRECHARGE command (17)
CL = 3
tROH
333
tCK
CL = 2
tROH
2—
tCK


Similar Part No. - WEDPN16M72V-100B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M72VR-100B2C WEDC-WEDPN16M72VR-100B2C Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
WEDPN16M72VR-100B2I WEDC-WEDPN16M72VR-100B2I Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
WEDPN16M72VR-100B2M WEDC-WEDPN16M72VR-100B2M Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
WEDPN16M72VR-125B2C WEDC-WEDPN16M72VR-125B2C Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
WEDPN16M72VR-125B2I WEDC-WEDPN16M72VR-125B2I Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
More results

Similar Description - WEDPN16M72V-100B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M72VR-XB2X WEDC-WEDPN16M72VR-XB2X Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com