Electronic Components Datasheet Search |
|
WEDPN8M72V-125B2I Datasheet(PDF) 9 Page - White Electronic Designs Corporation |
|
WEDPN8M72V-125B2I Datasheet(HTML) 9 Page - White Electronic Designs Corporation |
9 / 13 page 9 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com WEDPN8M72V-XB2X White Electronic Designs January 2005 Rev. 4 White Electronic Designs Corp. reserves the right to change products or specifications without notice. DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1, 6) VCC = +3.3V ±0.3V; -55°C ≤ TA ≤ +125°C Parameter/Condition Symbol Min Max Units Supply Voltage VCC 3 3.6 V Input High Voltage: Logic 1; All inputs (21) VIH 2 VCC + 0.3 V Input Low Voltage: Logic 0; All inputs (21) VIL -0.3 0.8 V Input Leakage Current: Any input 0V-VIN-VCC (All other pins not under test = 0V) II -5 5 µA Input Leakage Address Current (All other pins not under test = 0V) II -25 25 µA Output Leakage Current: I/Os are disabled; 0V VOUT VCC IOZ -5 5 µA Output Levels: Output High Voltage (IOUT = -4mA) VOH 2.4 – V Outpt Low Voltage (IOUT = 4mA) VOL – 0.4 V ABSOLUTE MAXIMUM RATINGS Parameter Unit Voltage on VDD, VDDQ Supply relative to VSS -1 to 4.6 V Voltage on NC or I/O pins relative to VSS -1 to 4.6 V Operating Temperature TA (Mil) -55 to +125 °C Operating Temperature TA (Ind) -40 to +85 °C Storage Temperature, Plastic -55 to +125 °C NOTE: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. CAPACITANCE (NOTE 2) Parameter Symbol Max Unit Input Capacitance: CLK CI1 6pF Addresses, BA0-1 Input Capacitance CA 21 pF Input Capacitance: All other input-only pins CI2 7pF Input/Output Capacitance: I/Os CIO 9pF ICC SPECIFICATIONS AND CONDITIONS (NOTES 1,6,11,13) VCC = +3.3V ±0.3V; -55°C ≤ TA ≤ +125°C Parameter/Condition Symbol Max Units Operating Current: Active Mode; Burst = 2; Read or Write; tRC = tRC (min); CAS latency = 3 (3, 18, 19) ICC1 750 mA Standby Current: Active Mode; CKE = HIGH; CS# = HIGH; All banks active after tRCD met; No accesses in progress (3, 12, 19) ICC3 250 mA Operating Current: Burst Mode; Continuous burst; Read or Write; All banks active; CAS latency = 3 (3, 18, 19) ICC4 750 mA Self Refresh Current: CKE 0.2V Commercial and Industrial temperatures only (27) ICC7 10 mA BGA THERMAL RESISTANCE Description Symbol Max Unit Notes Junction to Ambient (No Airflow) Theta JA 16.3 C/W 1 Junction to Ball Theta JB 11.6 C/W 1 Junction to Case (Top) Theta JC 7.2 C/W 1 NOTE: Refer to PBGA Thermal Resistance Correlation application note at www.wedc.com in the application notes section for modeling conditions. |
Similar Part No. - WEDPN8M72V-125B2I |
|
Similar Description - WEDPN8M72V-125B2I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |