Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPN16M72VR-125B2M Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WEDPN16M72VR-125B2M
Description  16MX72 REGISTERED SYNCHRONOUS DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M72VR-125B2M Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WEDPN16M72VR-125B2M Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN16M72VR-125B2M Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN16M72VR-XB2X
January 2005
Rev. 1
two clocks earlier. If a given DQM signal was registered
HIGH, the corresponding I/Os will be High-Z two clocks
later; if the DQM signal was registered LOW, the I/Os will
provide valid data.
WRITE
The WRITE command is used to initiate a burst write
access to an active row. The value on the BA0, BA1 inputs
selects the bank, and the address provided on inputs A0-8
selects the starting column location. The value on input A10
determines whether or not AUTO PRECHARGE is used. If
AUTO PRECHARGE is selected, the row being accessed
will be precharged at the end of the WRITE burst; if AUTO
PRECHARGE is not selected, the row will remain open for
subsequent accesses. Input data appearing on the I/O’s
is written to the memory array subject to the DQM input
logic level appearing coincident with the data. If a given
DQM signal is registered LOW, the corresponding data
will be written to memory; if the DQM signal is registered
HIGH, the corresponding data inputs will be ignored, and a
WRITE will not be executed to that byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks.
The bank(s) will be available for a subsequent row access
a specified time (tRP) after the PRECHARGE command
is issued. Input A10 determines whether one or all banks
are to be precharged, inputs BA0, BA1 select the bank.
Otherwise BA0, BA1 are treated as “Don’t Care.” Once a
bank has been precharged, it is in the idle state and must
be activated prior to any READ or WRITE commands being
issued to the bank.
AUTO PRECHARGE
AUTO PRECHARGE is a feature which performs the
same individual-bank PRECHARGE function described
above, without requiring an explicit command. This is
accomplished by using A10 to enable AUTO PRECHARGE
in conjunction with a specific READ or WRITE command.
A precharge of the bank/row that is addressed with the
READ or WRITE command is automatically performed
upon completion of the READ or WRITE burst, except in
the full-page burst mode, where AUTO PRECHARGE does
not apply. AUTO PRECHARGE is nonpersistent in that it
is either enabled or disabled for each individual READ or
WRITE command.
AUTO PRECHARGE ensures that the precharge is
initiated at the earliest valid stage within a burst. The user
must not issue another command to the same bank until
the precharge time (tRP) is completed. This is determined
as if an explicit PRECHARGE command was issued at
the earliest possible time.
BURST TERMINATE
The BURST TERMINATE command is used to truncate
either fixed-length or full-page bursts. The most recently
registered READ or WRITE command prior to the BURST
TERMINATE command will be truncated.
AUTO REFRESH
AUTO REFRESH is used during normal operation of
the SDRAM and is analagous to CAS#-BEFORE-RAS#
(CBR) REFRESH in conventional DRAMs. This command
is nonpersistent, so it must be issued each time a refresh
is required.
The addressing is generated by the internal refresh
controller. This makes the address bits “Don’t Care” during
an AUTO REFRESH command. Each 256Mb SDRAM
requires 8,192 AUTO REFRESH cycles every refresh
period (tREF). Providing a distributed AUTO REFRESH
command will meet the refresh requirement and ensure
that each row is refreshed. Alternatively, 8,192 AUTO
REFRESH commands can be issued in a burst at the
minimum cycle rate (tRC), once every refresh period
(tREF).
SELF REFRESH*
The SELF REFRESH command can be used to retain data
in the SDRAM, even if the rest of the system is powered
down. When in the self refresh mode, the SDRAM retains
data without external clocking. The SELF REFRESH
command is initiated like an AUTO REFRESH command
except CKE is disabled (LOW). Once the SELF REFRESH
command is registered, all the inputs to the SDRAM
become “Don’t Care,” with the exception of CKE, which
must remain LOW.
Once self refresh mode is engaged, the SDRAM provides
its own internal clocking, causing it to perform its own
AUTO REFRESH cycles. The SDRAM must remain in
self refresh mode for a minimum period equal to tRAS and
may remain in self refresh mode for an indefinite period
beyond that.
The procedure for exiting self refresh requires a sequence
of commands. First, CLK must be stable (stable clock


Similar Part No. - WEDPN16M72VR-125B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M72V-100B2C WEDC-WEDPN16M72V-100B2C Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
WEDPN16M72V-100B2I WEDC-WEDPN16M72V-100B2I Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
WEDPN16M72V-100B2M WEDC-WEDPN16M72V-100B2M Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
WEDPN16M72V-125B2C WEDC-WEDPN16M72V-125B2C Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
WEDPN16M72V-125B2I WEDC-WEDPN16M72V-125B2I Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
More results

Similar Description - WEDPN16M72VR-125B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M72V-XB2X WEDC-WEDPN16M72V-XB2X Datasheet
442Kb / 14P
   16Mx72 Synchronous DRAM
WEDPN16M64VR-XB2X WEDC-WEDPN16M64VR-XB2X Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
W3E16M72SR-XBX WEDC-W3E16M72SR-XBX Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com