Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEDPN4M72V-125B2I Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPN4M72V-125B2I
Description  4Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN4M72V-125B2I Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WEDPN4M72V-125B2I Datasheet HTML 2Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN4M72V-125B2I Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN4M72V-XB2X
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 4 – CAS LATENCY
If a READ command is registered at clock edge n, and
the latency is m clocks, the data will be available by clock
edge n+m. The I/Os will start driving as a result of the clock
edge one cycle earlier (n + m - 1), and provided that the
relevant access times are met, the data will be valid by
clock edge n + m. For example, assuming that the clock
cycle time is such that all relevant access times are met,
if a READ command is registered at T0 and the latency
is programmed to two clocks, the I/Os will start driving
after T1 and the data will be valid by T2. Table 2 below
indicates the operating frequencies at which each CAS
latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
OPERATING MODE
The normal operating mode is selected by setting M7and
M8 to zero; the other combinations of values for M7 and
M8 are reserved for future use and/or test modes. The
programmed burst length applies to both READ and
WRITE bursts.
A1-7 when the burst length is set to two; by A2-7 when
the burst length is set to four; and by A3-7 when the burst
length is set to eight. The remaining (least significant)
address bit(s) is (are) used to select the starting location
within the block. Full-page bursts wrap within the page if
the boundary is reached.
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
CAS LATENCY
The CAS latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first piece of output data. The latency can be set to
two or three clocks.
CK
I/O
T2
T1
T3
T0
CAS Latency = 3
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
NOP
T4
NOP
DON’T CARE
UNDEFINED
CK
I/O
T2
T1
T3
T0
CAS Latency = 2
LZ
DOUT
OH
t
COMMAND
READ
tAC
NOP
NOP


Similar Part No. - WEDPN4M72V-125B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN4M64V-100BC WEDC-WEDPN4M64V-100BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BI WEDC-WEDPN4M64V-100BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BM WEDC-WEDPN4M64V-100BM Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BC WEDC-WEDPN4M64V-125BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BI WEDC-WEDPN4M64V-125BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
More results

Similar Description - WEDPN4M72V-125B2I

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com