Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE128K32P-150H1QA Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WE128K32P-150H1QA
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32P-150H1QA Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WE128K32P-150H1QA Datasheet HTML 3Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 4Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 5Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 9Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 10Page - White Electronic Designs Corporation WE128K32P-150H1QA Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DATA POLLING
The WE128K32-XXX offers a data polling feature which
allows a faster method of writing to the device. Figure 8
shows the timing diagram for this function. During a byte
or page write cycle, an attempted read of the last byte
written will result in the complement of the written data
on D7 (for each chip.) Once the write cycle has been
completed, true data is valid on all outputs and the next
cycle may begin. Data polling may begin at any time during
the write cycle.
FIGURE 8 – DATA POLLING WAVEFORMS
DATA POLLING CHARACTERISTICS
(VCC = 5.0V, VSS = 0V, TA = -55°C to +125°C)
Parameter
Symbol
Min
Max
Unit
Data Hold Time
tDH
10
ns
OE# Hold Time
tOEH
10
ns
OE# To Output Valid
tOE
55
ns
Write Recovery Time
tWR
0
ns
WE1-4
#
t OEH
t DH
t OE
t WR
HIGH Z
CS1-4
#
OE
#
I/O7
ADDRESS
TOGGLE BIT: In addition to DATA# Polling another method for determining the end of
a write cycle is provided. During the write operation, successive attempts to read data
from the device will result in I/O6 toggling between one and zero. Once the write has
completed, I/O6 will stop toggling and valid data will be read. Reading the toggle bit may
begin at any time during the write cycle.
NOTE:
1. Toggling either OE# or CS# or both OE# and CS# will operate toggle bit.
2. Beginning and ending state of I/O6 will vary
3. Any address location may be used but the address should not vary.
TOGGLE BUT CHARACTERISTICS(1)
Symbol
Parameter
Min
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE# Hold Time
10
ns
tOE
OE# to Output Delay
ns
tOEHP
OE# High Pulse
150
ns
tWR
Write Recovery Time
0
ns
tWR
HIGH Z
tDH
tOE
tOEH
WE#
CS#
OE#
I/O6 (2)


Similar Part No. - WE128K32P-150H1QA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32P-150H1QA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com